Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT8VDDT3264AG-40BC4 Datasheet(PDF) 9 Page - Micron Technology

Part No. MT8VDDT3264AG-40BC4
Description  256MB, 512MB (x64, SR) 184-Pin DDR SDRAM UDIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT8VDDT3264AG-40BC4 Datasheet(HTML) 9 Page - Micron Technology

Back Button MT8VDDT3264AG-40BC4 Datasheet HTML 5Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 6Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 7Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 8Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 9Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 10Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 11Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 12Page - Micron Technology MT8VDDT3264AG-40BC4 Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PDF: 09005aef80867ab3/Source: 09005aef80867a99
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DD8C32_64x64A.fm - Rev. J 8/08 EN
9
©2003 Micron Technology, Inc. All rights reserved.
256MB, 512MB (x64, SR) 184-Pin DDR SDRAM UDIMM
Electrical Specifications
DRAM Operating Conditions
Recommended AC operating conditions are given in the DDR component data sheets.
Component specifications are available on Micron’s Web site. Module speed grades
correlate with component speed grades, as shown in Table 8.
Design Considerations
Simulations
Micron memory modules are designed to optimize signal integrity through carefully
designed terminations, controlled board impedances, routing topologies, trace length
matching, and decoupling. However, good signal integrity starts at the system level.
Micron encourages designers to simulate the signal characteristics of the system’s
memory bus to ensure adequate signal integrity of the entire memory system.
Power
Operating voltages are specified at the DRAM, not at the edge connector of the module.
Designers must account for any system voltage drops at anticipated power levels to
ensure the required supply voltage is maintained.
Table 8:
Module and Component Speed Grades
DDR components may exceed the listed module speed grades
Module Speed Grade
Component Speed Grade
-40B
-5B
-335
-6
-262
-75E
-26A
-75Z
-265
-75


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn