Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450WXA47MEFC18X25 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 450WXA47MEFC18X25
Description  105??竊촲w profile.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450WXA47MEFC18X25 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  450WXA47MEFC18X25 Datasheet HTML 1Page - RUBYCON CORPORATION 450WXA47MEFC18X25 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
Characteristics
−40∼+105℃
160∼250V.DC
−25∼+105℃
350∼450V.DC
−55∼+105℃
6.3∼50V.DC
±20%(20℃, 120Hz)
Rated Voltage
(V)
tanδ
0.30
6.3
0.26
10
0.20
16
0.18
25
0.14
35
0.12
50
0.20 0.20 0.20 0.20 0.20
160 200 250 350 400
0.25
0.26
φ8, φ10
φ12.5∼φ18
0.22 0.18 0.16 0.14 0.12 0.20 0.20 0.20 0.20 0.20 0.25
450
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
8
10
6
16
4
25
4
35
3
43222
50
3
2
160
3
200
3
250
3
350
6
400
6
450
6
After applying rated voltage with rated ripple current for 2000 hours at 105℃, the capacitors shall meet the following requirements.
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃, 120Hz)
(120Hz)
Items
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆PART NUMBER
□□□
Rated Voltage
WXA
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
Capacitance Tolerance
160∼450V.DC
6.3∼50V.DC
CV≦1000
CV>1000
I=0.1CV+40
μA (1minute)
I=0.03CV+15
μA (5minutes)
I=0.04CV+100
μA (1minute)
I=0.02CV+25
μA (5minutes)
I=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
Frequency
(Hz)
Coefficient
60(50) 120
500
1k
10k≦
0.65
1.0
1.20 1.30 1.50
0.8
1.5∼6.8μF
10∼68μF
1.0
1.20 1.30 1.50
0.8
100∼1000μF
1.0
1.10 1.15 1.20
0.8
2200∼10000μF
1.0
1.05 1.10 1.15
◆OPTION
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
WXA
SERIES
WXA
105℃ Low profile.
◆FEATURES
9∼25mm height.
RoHS compliance.
PET Sleeve
Code
EFC


Similar Part No. - 450WXA47MEFC18X25

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450WXA47M18X25 RUBYCON-450WXA47M18X25 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 450WXA47MEFC18X25

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS15M111J002 ALPS-RS15M111J002 Datasheet
222Kb / 5P
   Slim SlideTM竊뉽ow-profile竊
logo
United Chemi-Con, Inc.
EKRG6R3E CHEMI-CON-EKRG6R3E Datasheet
363Kb / 2P
   Low profile, 105?
EKRG250E CHEMI-CON-EKRG250E Datasheet
363Kb / 2P
   Low profile, 105?
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4003 ALPS-RS60N11S4003 Datasheet
203Kb / 4P
   Low-profile Master Type竊늆lim Type竊
logo
United Chemi-Con, Inc.
EKRG100E CHEMI-CON-EKRG100E Datasheet
363Kb / 2P
   Low profile, 105?
EKRG350E CHEMI-CON-EKRG350E Datasheet
363Kb / 2P
   Low profile, 105?
EKRG160E CHEMI-CON-EKRG160E Datasheet
363Kb / 2P
   Low profile, 105?
logo
ALPS ELECTRIC CO.,LTD.
RS60N111900H ALPS-RS60N111900H Datasheet
206Kb / 5P
   Low-profile Master Type竊뉿 Fader竊
logo
United Chemi-Con, Inc.
EKRG500E CHEMI-CON-EKRG500E Datasheet
363Kb / 2P
   Low profile, 105?
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com