Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50TZV100M8X10.5 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 50TZV100M8X10.5
Description  105??Low Impedance, Lead Free Reflow Soldering.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50TZV100M8X10.5 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  50TZV100M8X10.5 Datasheet HTML 1Page - RUBYCON CORPORATION 50TZV100M8X10.5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RoHS compliance.
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TZV
SERIES
TZV
◆SPECIFICATIONS
Items
Characteristics
−55∼+105℃
6.3∼50V.DC
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.(After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.26
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
After applying rated voltage with rated ripple current for 2000 hours at 105℃, the capacitors shall meet the following requirements.
105℃ Low Impedance, Lead Free Reflow Soldering.
◆FEATURES
Load Life : 105℃ 2000 hours.
Lead free reflow soldering is available.
Available for high density mounting.
Prescribe Impedance value at 100 kHz.
(20℃,
120Hz)
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆PART NUMBER
□□□
Rated Voltage
TZV
Series
□□□
Option
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
Rated Voltage
(V)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
3
6.3
3
10
3
16
3
25
3
35
Rated Voltage
(V)
16
25
35
6.3
10
Rated Voltage code
CE
V
50
H
jA
22222
Z
(−55℃)
/Z
(20℃) 44433
3
50
2
3
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
(120Hz)
Frequency
(Hz)
Coefficient
120
1k
10k
0.42
0.60
0.80
4.7μF
10∼33μF
0.45
0.75
0.90
47∼100μF
0.50
0.80
0.95
100k≦
1.00
1.00
1.00
220∼1000μF
0.60
0.85
0.95
1.00
◆MARKING
Series
Lot No.
Capacitance
Rated voltage code
※Voltage Code
Polarity of the terminals
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
AA
47
CTZ


Similar Part No. - 50TZV100M8X10.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50TZV22M6.3X6.1 RUBYCON-50TZV22M6.3X6.1 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
50TZV33M6.3X8 RUBYCON-50TZV33M6.3X8 Datasheet
169Kb / 2P
   CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50TZV100M8X10.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35TZV47M6.3X6.1 RUBYCON-35TZV47M6.3X6.1 Datasheet
261Kb / 2P
   105??Low Impedance, Lead Free Reflow Soldering.
35TZV330M10X10.5 RUBYCON-35TZV330M10X10.5 Datasheet
261Kb / 2P
   105??Low Impedance, Lead Free Reflow Soldering.
logo
P-tec Corporation
PLC2835A-YDNW2 P-TEC-PLC2835A-YDNW2 Datasheet
1Mb / 16P
   Compatible lead-free reflow soldering process
PLC2835A-YDNW3 P-TEC-PLC2835A-YDNW3 Datasheet
1Mb / 16P
   Compatible lead-free reflow soldering process
PLC2835D-YDNW2 P-TEC-PLC2835D-YDNW2 Datasheet
2Mb / 16P
   Compatible lead-free reflow soldering process
PLC2835C-YDCW2 P-TEC-PLC2835C-YDCW2 Datasheet
2Mb / 17P
   Compatible lead-free reflow soldering process
PLC2835A-YDNW1 P-TEC-PLC2835A-YDNW1 Datasheet
1Mb / 16P
   Compatible lead-free reflow soldering process
PLC2835C-YDCW3 P-TEC-PLC2835C-YDCW3 Datasheet
2Mb / 17P
   Compatible lead-free reflow soldering process
PLC2835D-YDCW2 P-TEC-PLC2835D-YDCW2 Datasheet
2Mb / 17P
   Compatible lead-free reflow soldering process
PLC2835C-YDNW2 P-TEC-PLC2835C-YDNW2 Datasheet
2Mb / 16P
   Compatible lead-free reflow soldering process
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com