Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDH44N50 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDH44N50
Description  44A, 500V, 0.12 Ohm, N-Channel SMPS Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDH44N50 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDH44N50 Datasheet HTML 1Page - Fairchild Semiconductor FDH44N50 Datasheet HTML 2Page - Fairchild Semiconductor FDH44N50 Datasheet HTML 3Page - Fairchild Semiconductor FDH44N50 Datasheet HTML 4Page - Fairchild Semiconductor FDH44N50 Datasheet HTML 5Page - Fairchild Semiconductor FDH44N50 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
FDH44N50 Rev. A4, August 2002
Figure 7. Body Diode Forward Voltage vs Body
Diode Current
Figure 8. Maximum Safe Operating Area
Figure 9. Maximum Drain Current vs Case Temperature
Figure 10. Normalized Transient Thermal Impedance, Junction to Case
Typical Characteristic (Continued)
0
10
20
30
40
50
60
70
80
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VSD, SOURCE TO DRAIN VOLTAGE (V)
TJ = 25
oC
TJ = 175
oC
1
10
100
200
1
10
100
1000
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS AREA
LIMITED BY RDS(ON)
1ms
100µs
DC
TC = 25oC
10ms
TC, CASE TEMPERATURE (°C)
0
10
20
30
40
50
25
50
75
100
125
150
175
t1, RECTANGULAR PULSE DURATION (S)
1
10-3
10-2
10-1
100
10-4
t1
t2
PD
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X Z
θJC X RθJC) + TC
SINGLE PULSE
0.1
0.01
10-5
0.5
0.2
0.1
0.05
0.02
0.01
DUTY CYCLE DESENDING ORDER


Similar Part No. - FDH44N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDH44N50 ISC-FDH44N50 Datasheet
351Kb / 3P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDH44N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH27N50 FAIRCHILD-FDH27N50 Datasheet
183Kb / 6P
   27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
FDH15N50 FAIRCHILD-FDH15N50 Datasheet
194Kb / 6P
   15A, 500V, 0.38 Ohm, N-Channel SMPS Power MOSFET
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF76429P3 INTERSIL-HUF76429P3 Datasheet
332Kb / 9P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com