Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXYK120N120C3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXYK120N120C3
Description  1200V XPTTM IGBTs GenX3TM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK120N120C3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXYK120N120C3 Datasheet HTML 1Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 2Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 3Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 4Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 5Page - IXYS Corporation IXYK120N120C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYK120N120C3
IXYX120N120C3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
40
80
120
160
200
240
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VCE - Volts
VGE = 15V
12V
10V
7V
8V
6V
9V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
0
2
4
6
8
1012
1416
1820
22
VCE - Volts
VGE = 15V
12V
8V
9V
6V
7V
10V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
40
80
120
160
200
240
0123
456
7
VCE - Volts
VGE = 15V
12V
10V
8V
7V
6V
9V
5V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGE = 15V
I C = 120A
I C = 60A
I C = 240A
Fig. 5. Collector-to-Emitter Voltage vs.
Gate-to-Emitter Voltage
1
2
3
4
5
6
7
8
9
6
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 240A
TJ = 25ºC
120A
60A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
VGE - Volts
TJ = 150ºC
25ºC
- 40ºC


Similar Part No. - IXYK120N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYK120N120C3 IXYS-IXYK120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
More results

Similar Description - IXYK120N120C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYB82N120C3H1 IXYS-IXYB82N120C3H1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
   1200V XPTTM IGBTs GenX3
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYH40N120B3D1 IXYS-IXYH40N120B3D1 Datasheet
193Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXGK320N60A3 IXYS-IXGK320N60A3 Datasheet
207Kb / 5P
   GenX3TM 600V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXK100N60C3H1 IXYS-IXXK100N60C3H1 Datasheet
248Kb / 7P
   XPTTM 600V GenX3TM w/ Diode
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com