Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VM-15015CD Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # S8VM-15015CD
Description  Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM-15015CD Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button S8VM-15015CD Datasheet HTML 6Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 7Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 8Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 9Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 10Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 11Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 12Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 13Page - Omron Electronics LLC S8VM-15015CD Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
S8VM
10
■ Mounting
Note: 1. Improper mounting will interfere with heat dissipation and
may occasionally result in deterioration or damage of inter-
nal parts.
Use the Power Supply within the derating curve for the
mounting direction that is used.
2. Use the metal plate as the mounting panel (*1).
3. Install the Power Supply so that the air flow circulates
around the Power Supply, as the Power Supply is designed
to radiate heat by means of natural air flow.
4. Mounting screw tightening torque
(recommended value: M3 (0.49 N·m))
■ Remote Sensing Function
(S8VM-100
@@@@/150@@@@ only)
This function compensates a voltage drop on the load lines.
To use this function, connect after removing the two short bars of the
remote sensing terminal.
Note: 1. Use a 2-conductor shielded cable as a connection wire (*1).
2. Use as thick a wire as possible since high voltage drops on
the load lines (*2) may activate the overvoltage protection
function.
3. Use when the voltage drop is 0.3 V or lower.
4. When the +S and
−S terminals are opened with the short
bar removed, the overvoltage protection function is activat-
ed and the output voltage will be cut off.
5. If the load line is too long, use an electrolytic capacitor in the
following 3 locations:
1) Across the load terminals
2) Between the +S terminal and + terminal
3) Between the
−S terminal and − terminal
Select the capacity of the connected capacitor from be-
tween several tens to several hundreds of
µF as a guide,
and then determine the capacity when actually connecting
the capacitor between terminals as shown below.
■ Inrush Current, Startup Time,
Output Hold Time
■ Reference Values
*1
*1
*1
Terminal block
The terminals are in front.
The terminals are on the top.
Standard Mounting
(Bottom Mounting Models)
Horizontal Mounting
Correct
Correct
Correct
Face-up Mounting
(DIN Rail Mounting Bracket Models)
Face-up Mounting
Incorrect
Correct
Face-down Mounting
(DIN Rail Mounting Bracket Models)
Face-down Mounting
Incorrect
Incorrect
Standard Mounting
(DIN Rail Mounting Bracket Models)
Surface Mounting for
Standard Mounting Direction
Surface Mounting for Face-up
Mounting
Correct
Correct
Item
Value
Definition
Reliability
(MTBF)
135,000 hrs
min.
MTBF stands for Mean Time Between Failures, which
is calculated according to the probability of accidental
device failures, and indicates the reliability of a device.
Therefore, it does not necessarily represent the life of
the Power Supply.
Life expectancy 10 yrs. min. The life expectancy indicates average operating hours
under the ambient temperature of 40
°C and a load
rate of 50%.
Normally this is determined by the life expectancy of
the built-in aluminum electrolytic capacitor.
DC ON
V.ADJ
+ S
+ V
−V
−S
*1
*2
Short bar
DC ON
V.ADJ
+ S
+ V
−V
−S
+
+
+
Startup time
Hold time
Inrush current on input application
90%
95%
Input ON
Input OFF
AC input
voltage
AC input
current
Output
voltage


Similar Part No. - S8VM-15015CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM-15015CD OMRON-S8VM-15015CD Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8VM-15015CD OMRON-S8VM-15015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VM-15015CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-V OMRON-D6F-V Datasheet
360Kb / 2P
   A Compact Sensor That Uses OMRON?셲 Unique Flow Path Structure for High-performance Flow Rate Measurement.
logo
ALPS ELECTRIC CO.,LTD.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
SKSW ALPS-SKSW Datasheet
774Kb / 3P
   Compact type with height of 0.6mm contributing to thinner product designs
logo
Omron Electronics LLC
G3TA OMRON-G3TA Datasheet
872Kb / 8P
   I/O SSRs That Mount to OMRON?셲 G7TC I/O Block
G3VM-22CO OMRON-G3VM-22CO Datasheet
249Kb / 4P
   New MOS FET Relay Featuring Unique Contact Construction (1 Input Channel Drives 2 Output Channels)
M7E01DRP2 OMRON-M7E01DRP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
logo
Rohm
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
   System Power Supply with MUTE Function
logo
Toshiba Semiconductor
TLP733F TOSHIBA-TLP733F Datasheet
137Kb / 2P
   Office Machine Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com