Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDT3001A Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KDT3001A
Description  Photo Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KDT3001A Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KDT3001A Datasheet HTML 1Page - KODENSHI_AUK CORP. KDT3001A Datasheet HTML 2Page - KODENSHI_AUK CORP. KDT3001A Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photo Transistor
Description
The KDT3001A is a high-sensitivity NPN silicon phototransistor
mounted in Φ 3mm(T-1) all plastic mold type.
Features
Φ3mm(T-1) all plastic mold type
Colorless transparency lens
Single phototransistor output
Applications
Optical detectors/switch
VCR, Camcoders
Floppy disk drivers
Tape End sensor
Absolute Maximum Ratings
[TA = 25 ]
*1 : MAX 5s
Parameter
Symbol
Min.
Max.
Max.
Collector-Emitter Voltage
VCEO
-35
Emitter-Collector Voltage
VECO
-6
V
V
Collector Current
IC
-20
Collector Power Dissipation
PC
-75
Operating Temperature
Topr.
-20
85
Storage Temperature
Tstg.
-30
85
Soldering Temperature*1
Tsol
-
260
AUK CORP.
KDT3001A
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
KDT3001A
Pin Connection
1. Emitter
2. Collector


Similar Part No. - KDT3001A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KDT3002A KODENSHI-KDT3002A Datasheet
240Kb / 2P
   Silicon photo transistor
More results

Similar Description - KDT3001A

ManufacturerPart #DatasheetDescription
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
Toshiba Semiconductor
TPS618 TOSHIBA-TPS618 Datasheet
196Kb / 4P
   PHOTO-TRANSISTOR
logo
Marktech Corporate
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
   Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
   Photo Transistor
MTD6000PT MARKTECH-MTD6000PT Datasheet
183Kb / 2P
   Photo Transistor
MTD6010A MARKTECH-MTD6010A Datasheet
82Kb / 2P
   PHOTO TRANSISTOR
MTD6160 MARKTECH-MTD6160 Datasheet
103Kb / 3P
   PHOTO TRANSISTOR?
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
   Photo Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com