Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VM-15015D Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # S8VM-15015D
Description  Power Supply Featuring OMRON?셲 Unique, New Undervoltage Alarm Function with Compact Body Contributing to Machine Downsizing
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VM-15015D Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button S8VM-15015D Datasheet HTML 7Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 8Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 9Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 10Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 11Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 12Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 13Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 14Page - Omron Electronics LLC S8VM-15015D Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
S8VM
11
■ Overload Protection
The Power Supply is provided with an overload protection function
that protects the Power Supply from possible damage by short-circuit
and overcurrent.
When the output current rises above 105% min. of the rated current,
the protection function is triggered, automatically decreasing the out-
put voltage. When the output current falls within the rated range, the
overload protection function is automatically cleared.
The values shown in the above diagrams are for reference only.
Note: 1. Internal parts may occasionally deteriorate or be damaged
if a short-circuited or other overcurrent state continues dur-
ing operation.
Do not continue an overload state for longer than 30 sec-
onds. Eliminate the overcurrent state as soon as possible.
2. Internal parts may possibly be deteriorated or damaged if the
Power Supply is used for applications with frequent inrush cur-
rent or overloading at the load end. Do not use the Power Supply
for such applications.
■ Overvoltage Protection
Consider the possibility of an overvoltage and design the system so
that the load will not be subjected to an excessive voltage even if the
feedback circuit in the Power Supply fails. When an excessive
voltage that is approximately 140% of the rated voltage or more is
output, the output voltage is shut OFF, preventing damage to the load
due to overvoltage. Reset the input power by turning it OFF for at
least three minutes and then turning it back ON again.
The values shown in the above diagram are for reference only.
*1 S8VM-
@@@24A@/P@
*2 Except for S8VM-
@@@24A@/P@
Note: 1. Do not turn ON the input power again until the cause of the
overvoltage has been removed.
2. The overvoltage protection function may be activated when
the output voltage adjuster (V.ADJ) is set to a value that
exceeds +20% of the rated output voltage.
3. When the +S and
−S terminals are opened with the short-
bar removed, the overvoltage protection function is
activated and the output voltage will be cut off.
■ Undervoltage Alarm Function (Indication and Output)
(Only S8VM-
@@@24A@/P@)
If an output voltage drop is detected with an S8VM-
@@@24A@/P@ with undervoltage alarm function, the DC LOW indicator will light to notify of an
output error. The transistor also sends an output externally to notify of the error (except for the S8VM-01524A
@ and S8VM-03024A@).
Transistor Output: Sinking type:
(NPN) (S8VM-
@@@24A@)
Sourcing type:
(PNP) (S8VM-
@@@24P@)
30 VDC max., 50 mA max., Residual voltage when ON: 2 V or less, Leakage current when OFF: 0.1 mA or less
• Undervoltage Alarm Function 1 (DC LOW1)
Only a momentary voltage drop is detected. Detection voltage is automatically adjusted internally by detecting the output voltage (approx. 2.7 V
lower than the voltage output at an output voltage of 24.0 V).
During detection, the transistor is OFF (with no continuity across 8 and 10) and the LED (6: Yellow) lights. (The Undervoltage Alarm Function 1 is
used as a latch holding function.)
• Undervoltage Alarm Function 2 (DC LOW2)
Detection voltage is set to approx. 20.0 V (from 18.0 to 21.6 V).
During detection, the transistor is OFF (with no continuity across 9 and 10) and the LED (7: Red) lights.
Note: 1. This function monitors the voltage at the Power Supply output terminals.
To check actual voltage, measure voltage on the load side.
2. Gradual voltage drop is not detected by the Undervoltage Alarm Function 1 (DC LOW1).
3. Once a voltage drop in the output voltage is detected by Undervoltage Alarm Function 1 (DC LOW1), the transistor turns OFF and status
of the LED (6: Yellow) light is maintained. To reset the function, turn OFF the input power for 60 seconds or longer, and then turn it ON
again.
4. If the output voltage remains at 15 V or lower for several seconds when using Undervoltage Alarm Function 1 (DC LOW 1), the output
hold status for detection may be reset.
Intermittent operation
Output current (%)
0
100
50
0
100
50
Intermittent operation
Output current (%)
0
100
50
Output current (%)
15W/30W
50W/100W/150W (5 V)
50W/100W/150W (12 V, 15 V, 24 V)
300W/600W/1,500W
Note: Refer to page 17.
Overvoltage protection
operating
Variable range
Rated output
voltage
+20%
−10%
−20%
0 V
Approx. 40%
*1
*2
S8VM-01524A
@
S8VM-03024A
@
S8VM-05024A
@/P@
S8VM-10024A
@/P@
S8VM-15024A
@/P@
4
6
7
4
6
7
89 10
8
9
10
4
67
4
6
7
8 9 10


Similar Part No. - S8VM-15015D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VM-15015D OMRON-S8VM-15015D Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8VM-15015D OMRON-S8VM-15015D Datasheet
6Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VM-15015D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-V OMRON-D6F-V Datasheet
360Kb / 2P
   A Compact Sensor That Uses OMRON?셲 Unique Flow Path Structure for High-performance Flow Rate Measurement.
logo
ALPS ELECTRIC CO.,LTD.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
SKSW ALPS-SKSW Datasheet
774Kb / 3P
   Compact type with height of 0.6mm contributing to thinner product designs
logo
Omron Electronics LLC
G3TA OMRON-G3TA Datasheet
872Kb / 8P
   I/O SSRs That Mount to OMRON?셲 G7TC I/O Block
G3VM-22CO OMRON-G3VM-22CO Datasheet
249Kb / 4P
   New MOS FET Relay Featuring Unique Contact Construction (1 Input Channel Drives 2 Output Channels)
M7E01DRP2 OMRON-M7E01DRP2 Datasheet
1,000Kb / 16P
   New Models with Blanking Function Added to the Series
logo
Rohm
BA4915-V11 ROHM-BA4915-V11 Datasheet
270Kb / 6P
   System Power Supply with MUTE Function
logo
Toshiba Semiconductor
TLP733F TOSHIBA-TLP733F Datasheet
137Kb / 2P
   Office Machine Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com