Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA82562EM Datasheet(PDF) 10 Page - Intel Corporation

Part # DA82562EM
Description  82562ET 10/100 Mbps Platform LAN Connect (PLC)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA82562EM Datasheet(HTML) 10 Page - Intel Corporation

Back Button DA82562EM Datasheet HTML 6Page - Intel Corporation DA82562EM Datasheet HTML 7Page - Intel Corporation DA82562EM Datasheet HTML 8Page - Intel Corporation DA82562EM Datasheet HTML 9Page - Intel Corporation DA82562EM Datasheet HTML 10Page - Intel Corporation DA82562EM Datasheet HTML 11Page - Intel Corporation DA82562EM Datasheet HTML 12Page - Intel Corporation DA82562EM Datasheet HTML 13Page - Intel Corporation DA82562EM Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
82562ET — Networking Silicon
6
Datasheet
3.4
Clock Pins
3.5
Platform LAN Connect Interface Pins
Pin Name
Pin
Number
Type
Description
X1
46
I
Crystal Input Clock. X1 and X2 can be driven by an external 25 MHz
crystal of 50 PPM or better. Otherwise, X1 is driven by an external metal-
oxide semiconductor (MOS) level 25 MHz oscillator when X2 is left
floating.
X2
47
O
Crystal Output Clock. X1 and X2 can be driven by an external 25 MHz
crystal of 50 PPM or better.
Pin Name
Pin
Number
Type
Description
LAN_CLK
39
O
LAN Connect Clock. The LAN Connect Clock is driven by the 82562ET
on two frequencies depending on operation speed. When the 82562ET is
in 100BASE-TX mode, LAN_CLK drives a 50 MHz clock. Otherwise,
LAN_CLK drives a 5 MHz clock for 10BASE-T. The LAN_CLK does not
stop during normal operation.
LAN_
RSTSYNC
42
I
Reset/Synchronize. This is a multiplexed pin and is driven by the Media
Access Control (MAC) layer device. Its functions are:
Reset. When this pin is asserted beyond one LAN Connect clock
period, the 82562ET uses this signal Reset. To ensure reset of the
82562ET, the Reset signal should remain active for at least 500
µseconds.
Synchronize. When this pin is activated synchronously, for only one
LAN Connect clock period, it is used to synchronize the MAC and PHY
on LAN Connect word boundaries.
LAN_
TXD[2:0]
45, 44,
43
I
LAN Connect Transmit Data. The LAN Connect transmit pins are used
to transfer data from the MAC device to the 82562ET. These pins are
used to move transmitted data and real time control and management
data. They also transmit out of band control data from the MAC to the
PHY. The pins should be fully synchronous to LAN_CLK.
LAN_
RXD[2:0]
37, 35,
34
O
LAN Connect Receive Data. The LAN Connect receive pins are used to
transfer data from the 82562ET to the MAC device. These pins are used
to move received data and real time control and management data. They
also move out of band control data from the PHY to the MAC. These pins
are synchronous to LAN_CLK.


Similar Part No. - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DA82562ET INTEL-DA82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EX INTEL-DA82562EX Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
DA82562EZ INTEL-DA82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
More results

Similar Description - DA82562EM

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82562ET INTEL-82562ET Datasheet
216Kb / 21P
   82562ET 10/100 Mbps Platform LAN Connect (PLC)
82562GT INTEL-82562GT Datasheet
506Kb / 46P
   10/100 Mbps Platform LAN Connect (PLC)
EP82562ET INTEL-EP82562ET Datasheet
458Kb / 40P
   10/100 Mbps Platform LAN Connect (PLC)
82562EZ INTEL-82562EZ Datasheet
283Kb / 40P
   82562EZ 10/100 Mbps Platform LAN Connect (PLC)
82562EP INTEL-82562EP Datasheet
356Kb / 24P
    82562EP 10/100 Mbps Platform LAN Connect (PLC)
82562V INTEL-82562V Datasheet
462Kb / 42P
   10/100 Mbps Platform LAN Connect
82562G INTEL-82562G Datasheet
503Kb / 44P
   Mbps Platform LAN Connect
RU82566DM INTEL-RU82566DM Datasheet
367Kb / 30P
   82566 Gigabit Platform LAN Connect
82563EB INTEL-82563EB Datasheet
572Kb / 52P
   82563EB/82564EB Gigabit Platform LAN Connect
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
   USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com