Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC82GL40-SLB95 Datasheet(PDF) 11 Page - Intel Corporation

Part # AC82GL40-SLB95
Description  Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AC82GL40-SLB95 Datasheet(HTML) 11 Page - Intel Corporation

Back Button AC82GL40-SLB95 Datasheet HTML 7Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 8Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 9Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 10Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 11Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 12Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 13Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 14Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
Datasheet
11
Low Power Features
2
Low Power Features
2.1
Clock Control and Low Power States
The processor supports the C1/AutoHALT, C1/MWAIT, C2, C3 and some support the C4
core low-power states, along with their corresponding package-level states for power
management. See Chapter 3 to see if C4 is supported. These package states include
Normal, Stop Grant, Stop Grant Snoop, Sleep, and Deep Sleep. The processor’s central
power management logic enters a package low-power state by initiating a P_LVLx
(P_LVL2, P_LVL3, P_LVL4) I/O read to the (G)MCH. Figure 1 shows the package-level
low-power states and Figure 2 shows the core low-power states. Refer to Table 1 for a
mapping of core low-power states to package low-power states.
The processor implements two software interfaces for requesting low-power states:
MWAIT instruction extensions with sub-state hints and P_LVLx reads to the ACPI P_BLK
register block mapped in the processor’s I/O address space. The P_LVLx I/O reads are
converted to equivalent MWAIT C-state requests inside the processor and do not
directly result in I/O reads on the processor FSB. The monitor address does not need to
be setup before using the P_LVLx I/O read interface. The sub-state hints used for each
P_LVLx read can be configured through the IA32_MISC_ENABLES Model Specific
Register (MSR).
If the processor encounters a chipset break event while STPCLK# is asserted, it asserts
the PBE# output signal. Assertion of PBE# when STPCLK# is asserted indicates to
system logic that the processor should return to the Normal state.
NOTE: AutoHALT or MWAIT/C1
Table 1.
Coordination of Core-Level Low-Power States at the Package Level
Core States
Package States
C0
Normal
C1(1)
Normal
C2
Stop Grant
C3
Deep Sleep
C4
Deeper Sleep
Figure 1.
Package-Level Low-Power States
Stop Grant
Snoop
Normal
Stop
Grant
Deep
Sleep
STPCLK# asserted
Snoop
serviced
Snoop
occurs
Deeper
Sleep
Sleep
SLP# asserted
SLP# deasserted
DPSLP# asserted
DPSLP# deasserted
DPRSTP# deasserted
DPRSTP# asserted
STPCLK# deasserted
† — Deeper Sleep includes the Deeper Sleep state and Deep C4 sub-state


Similar Part No. - AC82GL40-SLB95

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AC82GL40 INTEL-AC82GL40 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
AC82GL40 INTEL-AC82GL40 Datasheet
223Kb / 4P
   Mobile Intel짰 GM45, GS45, and GL40 Express Chipsets for Embedded Computing
More results

Similar Description - AC82GL40-SLB95

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X9000 INTEL-X9000 Datasheet
1Mb / 77P
   Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
logo
AAEON Technology
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
logo
Advantech Co., Ltd.
MIC-5602 ADVANTECH-MIC-5602_1 Datasheet
382Kb / 2P
   Advanced Mezzanine Card Intel짰 45 nm Core??2 Duo Processor AMC
logo
Intel Corporation
T2700 INTEL-T2700 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
AAEON Technology
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
logo
Intel Corporation
BX80557430SL9XN INTEL-BX80557430SL9XN Datasheet
1Mb / 100P
   Intel짰 Celeron짰 Processor 400 Series
logo
Advantech Co., Ltd.
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
   17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-6150-Ri5AE ADVANTECH-PPC-6150-Ri5AE Datasheet
567Kb / 2P
   15" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com