Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8424CDB Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI8424CDB
Description  N-Channel 8 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8424CDB Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI8424CDB Datasheet HTML 3Page - Vishay Siliconix SI8424CDB Datasheet HTML 4Page - Vishay Siliconix SI8424CDB Datasheet HTML 5Page - Vishay Siliconix SI8424CDB Datasheet HTML 6Page - Vishay Siliconix SI8424CDB Datasheet HTML 7Page - Vishay Siliconix SI8424CDB Datasheet HTML 8Page - Vishay Siliconix SI8424CDB Datasheet HTML 9Page - Vishay Siliconix SI8424CDB Datasheet HTML 10Page - Vishay Siliconix SI8424CDB Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Vishay Siliconix
Si8424CDB
Document Number: 63894
S12-2181-Rev. A, 10-Sep-12
www.vishay.com
7
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
PACKAGE OUTLINE
MICRO FOOT 1.6 x 1.6: 4-BUMP (2 x 2, 0.8 mm PITCH)
Notes (Unless otherwise specified):
1. Laser mark on the silicon die back, coated with a thin metal.
2. Bumps are 95.5 Sn/3.8 Ag/0.7 Cu.
3. Non-solder mask defined copper landing pad.
4. The flat side of wafers is oriented at the bottom.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63894.
Dim.
Millimetersa
Inches
Min.
Max.
Min.
Max.
A
0.550
0.600
0.0216
0.0236
A1
0.260
0.290
0.0102
0.0114
A2
0.290
0.310
0.0114
0.0122
b
0.370
0.410
0.0146
0.0161
D
1.520
1.600
0.0598
0.0630
E
1.520
1.600
0.0598
0.0630
e
0.750
0.850
0.0295
0.0335
S
0.370
0.380
0.0146
0.0150
Bump Note 2
8424C
XXX
Recommended Land
Mark on Backside of Die
Silicon
4 x Ø 0.30
0.31
Note 3
Solder Mask Ø
0.40
b Diamerter
e
e
A
A2
A1
e
S
D
e
S
E
~
~


Similar Part No. - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI8424CDB TFUNK-SI8424CDB Datasheet
247Kb / 11P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8424CDB VISHAY-SI8424CDB_V01 Datasheet
250Kb / 11P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8424CDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com