Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82S-7324 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # S82S-7324
Description  Miniature DIN Rail Mounting DC-DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82S-7324 Datasheet(HTML) 6 Page - Omron Electronics LLC

  S82S-7324 Datasheet HTML 1Page - Omron Electronics LLC S82S-7324 Datasheet HTML 2Page - Omron Electronics LLC S82S-7324 Datasheet HTML 3Page - Omron Electronics LLC S82S-7324 Datasheet HTML 4Page - Omron Electronics LLC S82S-7324 Datasheet HTML 5Page - Omron Electronics LLC S82S-7324 Datasheet HTML 6Page - Omron Electronics LLC S82S-7324 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S82S
6
Safety Precautions
!CAUTION
Mounting
To improve and maintain the reliability of the power supply over a
long period of time, adequate consideration must be given to heat
radiation.
The power supply is designed to radiate heat by means of natural air-
flow. Therefore, mount the power supply so that air flow takes place
around the power supply.
When mounting two or more power supplies side-by-side, allow at
least 10 mm spacing between them, as shown in the following
diagram.
Forced air-cooling is recommended.
Wiring
Do not apply more than 75-N force to the terminal block when
tightening it.
DIN Rail Mounting
When mounting to a DIN Rail, lower the S82S onto the Rail until the
Rail stopper clicks into space, hook section A over the edge of the
Rail, and push in the direction of B.
To remove the S82S from the DIN Rail, insert a screwdriver into
section C and pull the S82S away from the Rail.
Serial or Parallel Operation
No serial or parallel operation is available.
The positive and negative output terminals of a Dual Output Model
cannot be connected in series to operate.
Minimum Output Current
(S82S-7727 and S82S-7728)
The minimum output current of the S82S-7727 and S82S-7728 is
restricted by the output voltage and control method.
Note: All the outputs of the S82S-7727 and S82S-7728 are controlled
by the +V output. If the +V output current falls to 10% or less of
the rated output, the –V output voltage may drop.
Minor electric shock, fire, or Product failure may
occasionally occur. Do not disassemble, modify, or repair
the Product or touch the interior of the Product.
Minor burns may occasionally occur. Do not touch the
Product while power is being supplied or immediately
after power is turned OFF.
Fire may occasionally occur. Tighten terminal screws to
the specified torque of 0.74 N·m (M3.5).
Minor injury due to electric shock may occasionally occur.
Do not touch the terminals while power is being supplied.
Minor electric shock, fire, or Product failure may
occasionally occur. Do not allow any pieces of metal or
conductors or any clippings or cuttings resulting from
installation work to enter the Product.
Air
10 mm min.
A
B
Rail stopper
30 mm min.
+V
+V
+V
+V
−V
−V
−V
−V
INPUT
INPUT
INPUT
INPUT
Incorrect
Incorrect
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.


Similar Part No. - S82S-7324

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S82S09 ETC1-S82S09 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S19 ETC1-S82S19 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S212 ETC-S82S212 Datasheet
97Kb / 3P
   2304 BIT BIPOLAR RAM
More results

Similar Description - S82S-7324

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSDN-480 WALL-PSDN-480 Datasheet
344Kb / 5P
   AC/DC DIN Rail Power Supplies
logo
RSG Electronic Componen...
KHEA120F-24 RSG-KHEA120F-24 Datasheet
354Kb / 4P
   AC-DC Power Supplies DIN Rail type
logo
MORNSUN Science& Techno...
LI120-13B12 MORNSUN-LI120-13B12 Datasheet
811Kb / 4P
   120W, AC/DC DIN-Rail mounting
logo
MicroPower Direct, LLC
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
MPDRK-30 MPD-MPDRK-30 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 30W AC/DC Power Supplies
logo
Power Mate Technology C...
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
   AC/DC-to-DC Din-rail power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com