Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8406DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI8406DB
Description  N-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8406DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8406DB Datasheet HTML 1Page - Vishay Siliconix SI8406DB Datasheet HTML 2Page - Vishay Siliconix SI8406DB Datasheet HTML 3Page - Vishay Siliconix SI8406DB Datasheet HTML 4Page - Vishay Siliconix SI8406DB Datasheet HTML 5Page - Vishay Siliconix SI8406DB Datasheet HTML 6Page - Vishay Siliconix SI8406DB Datasheet HTML 7Page - Vishay Siliconix SI8406DB Datasheet HTML 8Page - Vishay Siliconix SI8406DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si8406DB
Document Number: 62530
S12-0978-Rev. A, 30-Apr-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 20 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
Ultra-small 1.5 mm x 1 mm Maximum Outline
Ultra-thin 0.59 mm Maximum Height
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Load Switch
Battery Management
Boost Converter
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Refer to IPC/JEDEC (J-STD-020), no manual or hand soldering.
d. Case in defined as the top surface of the package.
e. TC = 25 °C package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
20
0.033 at VGS = 4.5 V
16e
7.5 nC
0.037 at VGS = 2.5 V
16e
0.042 at VGS = 1.8 V
15
MICRO FOOT
Device Marking: 8406
xxx = Date/Lot Traceability Code
Ordering Information:
Si8406DB-T2-E1 (Lead (Pb)-free and Halogen-free)
DD
SS
SG
1
2
6
3
5
4
Bump Side View
Backside View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16e
A
TC = 70 °C
13.5
TA = 25 °C
7.8a, b
TA = 70 °C
6.2a, b
Pulsed Drain Current (t = 300 µs)
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
11
TA = 25 °C
2.3a, b
Maximum Power Dissipation
TC = 25 °C
PD
13
W
TC = 70 °C
8.4
TA = 25 °C
2.77a, b
TA = 70 °C
1.77a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Package Reflow Conditionsc
IR/Convection
260


Similar Part No. - SI8406DB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8400AA-A-IS SILABS-Si8400AA-A-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Si8400AA-A-IS SILABS-Si8400AA-A-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI8400AA-A-IS SKYWORKS-SI8400AA-A-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
Si8400AA-B-IS SILABS-Si8400AA-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Si8400AA-B-IS SILABS-Si8400AA-B-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
More results

Similar Description - SI8406DB

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com