Electronic Components Datasheet Search |
|
S8VM-05012 Datasheet(PDF) 9 Page - Omron Electronics LLC |
|
S8VM-05012 Datasheet(HTML) 9 Page - Omron Electronics LLC |
9 / 38 page S8VM 9 Engineering Data (15-W, 30-W, 50-W, 100-W, 150-W Models) ■ Derating Curve 300W/600W/1,500W Note: Refer to page 15. Note: 1. Internal parts may occasionally be deteriorated or damaged. Do not use the Power Supply in areas outside the derating curves (i.e., the area shown by shading A in the above graphs). 2. If there is a derating problem, use forced air-cooling. 3. When mounting two or more Power Supplies side-by-side, allow at least 20 mm spacing between them. Multiple 100- and 150-W models cannot be used side by side. Be sure to install the Power Supplies as far away from heat-generating sources as possible. As a reference value, allow at least 50 mm spacing on the right and left sides. If only 20 mm spacing is allowed, use the Power Supply at a load ratio of 80% or less. 4. When using 150-W models for a long period of time at an input voltage of 90 VAC or lower, reduce the load to 80% or less of the above derating curves. 15W/30W Standard Mounting/Horizontal Mounting/Face-up Mounting 50W Standard Mounting/Horizontal Mounting Face-up Mounting 100W Standard Mounting Horizontal Mounting/Face-up Mounting 150W Standard Mounting Horizontal Mounting Face-up Mounting −20 −10 0 10 20 30 40 50 60 70 80 120 100 80 60 40 20 0 Ambient temperature ( °C) Open-frame type Covered type A −20 −10 0 10 20 30 40 50 60 70 80 120 100 80 60 40 20 0 Ambient temperature ( °C) Open-frame type Covered type A −20 −10 0 10 20 30 40 50 60 70 80 120 100 80 60 40 20 0 A Ambient temperature ( °C) Open -frame type Covered type −20 −10 0 10 20 30 40 50 60 70 80 120 100 80 60 40 20 0 Ambient temperature ( °C) Open-frame type Covered type A −20 −10 0 10 20 30 40 50 60 70 80 120 100 80 60 40 20 0 A Ambient temperature (°C) Open -frame type Covered type −20 −10 0 10 20 30 40 50 60 70 80 120 100 80 60 40 20 0 Ambient temperature ( °C) Open-frame type Covered type A 120 100 80 60 40 20 0 −20 −10 0 10 20 30 40 50 60 70 80 Ambient temperature ( °C) Open -frame type Covered type A 120 100 80 60 40 20 0 −20 −10 0 10 20 30 40 50 60 70 80 Ambient temperature ( °C) Open -frame type Covered type A |
Similar Part No. - S8VM-05012 |
|
Similar Description - S8VM-05012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |