Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S82S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # S82S
Description  Miniature DIN Rail Mounting DC-DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82S Datasheet(HTML) 3 Page - Omron Electronics LLC

  S82S Datasheet HTML 1Page - Omron Electronics LLC S82S Datasheet HTML 2Page - Omron Electronics LLC S82S Datasheet HTML 3Page - Omron Electronics LLC S82S Datasheet HTML 4Page - Omron Electronics LLC S82S Datasheet HTML 5Page - Omron Electronics LLC S82S Datasheet HTML 6Page - Omron Electronics LLC S82S Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S82S
3
Connections
■ Block Diagrams
Single Output
Dual Outputs
Construction and Nomenclature
■ Nomenclature
Terminal Arrangement
Fuse (3 A)
Noise filter
Rectifier
Photocoupler
Detection
Drive
overload
protection
circuit
Fuse (3 A)
Noise filter
Rectifier
Photocoupler
Detection
Rectifier
3-terminal REG
Drive
overload
protection
circuit
5
6
4
4
11
1
23
23
S82S-7724
Dual Output Models
Single Output Models
1. DC Output Terminals: Connect the load lines to these
terminals.
2. Input Terminals: Connect the input lines to these
terminals.
Note: The fuse is located on the (+V) side. It is NOT user
replaceable.
3. Protective earthing terminal: Connect a ground line to
this terminal.
4. Output LED Indicator (DC OUT ON): Lights while a DC
output is ON (for the Dual Output Models, this indicator is
lit when the +V DC output is ON).
5. Output voltage adjuster (V. ADJ): Use to adjust the
output voltage.
6. NC Terminals: Vacant terminals.


Similar Part No. - S82S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S82S09 ETC1-S82S09 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S19 ETC1-S82S19 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S212 ETC-S82S212 Datasheet
97Kb / 3P
   2304 BIT BIPOLAR RAM
More results

Similar Description - S82S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSDN-480 WALL-PSDN-480 Datasheet
344Kb / 5P
   AC/DC DIN Rail Power Supplies
logo
RSG Electronic Componen...
KHEA120F-24 RSG-KHEA120F-24 Datasheet
354Kb / 4P
   AC-DC Power Supplies DIN Rail type
logo
MORNSUN Science& Techno...
LI120-13B12 MORNSUN-LI120-13B12 Datasheet
811Kb / 4P
   120W, AC/DC DIN-Rail mounting
logo
MicroPower Direct, LLC
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
MPDRK-30 MPD-MPDRK-30 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 30W AC/DC Power Supplies
logo
Power Mate Technology C...
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
   AC/DC-to-DC Din-rail power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com