Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VK-G24048 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S8VK-G24048
Description  Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-G24048 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S8VK-G24048 Datasheet HTML 5Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 6Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 7Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 8Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 9Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 10Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 11Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 12Page - Omron Electronics LLC S8VK-G24048 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
S8VK-G
9
Engineering Data
Derating Curve
15, 30, 240 W (S8VK-G015@@, S8VK-G030@@, S8VK-G240@@)
Note: 1. At less than 90 VAC, the derating is 2.5%/V
2. For a DC power input, reduce the load given in the above
derating curve by multiplying the following coefficients.
S8VK-G015@@: 1.0
S8VK-G030@@: 0.9
S8VK-G240@@: 0.8
3.
See “–40°C Operation Guarantee Condition”
A. Standard mounting
60°C and over: the derating is 2.5%/°C
B. Face-up mounting / Side mounting (15W only)
50°C and over: the derating is 2.5%/°C
60 W (S8VK-G060@@)
Note: 1. At less than 90 VAC, the derating is 2.5%/V
2. For a DC power input, reduce the load given in the above
derating curve by multiplying the following coefficients.
S8VK-G060@@: 0.9
3.
See “–40°C Operation Guarantee Condition”
A. Standard mounting
60°C and over: the derating is 2.5%/°C
B. Face-up mounting
40°C and over: the derating is 1.67%/°C
120 W (S8VK-G12024)
Note: 1. At less than 90 VAC, the derating is 2.5%/V
2. For a DC power input, reduce the load given in the above
derating curve by multiplying the following coefficients.
S8VK-G12024: 0.9
3.
See “–40°C Operation Guarantee Condition”
A. Standard mounting
60°C and over: the derating is 3.5%/°C
B. Face-up mounting
40°C and over: the derating is 1.67%/°C
480 W (S8VK-G480@@)
Note: 1. At less than 90 VAC, the derating is 2.5%/V
2. For a DC power input, reduce the load given in the above
derating curve by multiplying the following coefficients.
S8VK-G480@@: 0.8
3.
See “–40°C Operation Guarantee Condition”
A. Standard mounting
60°C and over: the derating is 2.5%/°C
B. Face-up mounting
30°C and over: the derating is 1.75%/°C
–40°C Operation Guarantee Condition
The unit can start up and operate normally at –40°C, but the following criteria will be inferior to the values of datasheet.
Please consider these influences.
−40 −25 −10 0 10 20
A
B
30 40 50 60 70
80
120
100
80
60
40
20
0
Ambient temperature (°C)
−40 −25 −10 0 10 20
A
B
30 40 50 60 70
80
120
100
80
60
40
20
0
Ambient temperature (°C)
−40 −25 −10 0 10 20
A
30 40 50 60 70
80
120
100
80
60
40
20
0
B
Ambient temperature (°C)
−40 −25 −10 0 10 20
A
B
30 40 50 60 70
80
120
100
80
60
40
20
0
Ambient temperature (°C)
15 W
5 V
15 W
12 V
15 W
24 V
30 W
5 V
30 W
12 V
30 W
24 V
60 W
12 V
60 W
24 V
120 W
24 V
240 W
24 V
240 W
48 V
480 W
24 V
480 W
48 V
Ripple (Typ.)
230 VAC input 280 mV 170 mV 100 mV 110 mV 330 mV 180 mV 200 mV 420 mV 440 mV 840 mV 1220 mV 460 mV 580 mV
Ripple (Max.)
230 VAC input 830 mV 450 mV 220 mV 240 mV 630 mV 290 mV 480 mV 430 mV 450 mV 1030 mV 1320 mV 670 mV 870 mV
Start up time (Typ.) 230 VAC input
420 ms 440 ms 490 ms 410 ms 440 ms 480 ms 420 ms 490 ms 760 ms 230 ms 280 ms 260 ms 260 ms
Hold time (Typ.)
230 VAC input
88 ms 110 ms 109 ms 137 ms 112 ms 114 ms 124 ms 118 ms
20 ms
35 ms
37 ms
39 ms
41 ms


Similar Part No. - S8VK-G24048

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C06024 OMRON-S8VK-C06024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C12024 OMRON-S8VK-C12024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C24024 OMRON-S8VK-C24024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C48024 OMRON-S8VK-C48024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
More results

Similar Description - S8VK-G24048

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DAC-S OMRON-E3X-DAC-S Datasheet
1Mb / 16P
   Easy and Reliable The Fiber Sensor That Sees in Color
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2700916 PHOENIX-2700916 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
   Easy installation, low installation depth, and compact design
2701555 PHOENIX-2701555 Datasheet
53Kb / 3P
   Easy installation, low installation depth, and compact design
2400453 PHOENIX-2400453 Datasheet
68Kb / 6P
   Easy installation, low installation depth, and compact design
2700921 PHOENIX-2700921 Datasheet
55Kb / 4P
   Easy installation, low installation depth, and compact design
2700911 PHOENIX-2700911 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
logo
List of Unclassifed Man...
AOC-CTGS-I2T ETC2-AOC-CTGS-I2T Datasheet
566Kb / 1P
   The most compact Dual-Port 10GbE adapter with 10GBase-T in the market
logo
Texas Instruments
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com