Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8VS-12024BE Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8VS-12024BE
Description  Greater Simplicity for Power Supply Visualization
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-12024BE Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8VS-12024BE Datasheet HTML 1Page - Omron Electronics LLC S8VS-12024BE Datasheet HTML 2Page - Omron Electronics LLC S8VS-12024BE Datasheet HTML 3Page - Omron Electronics LLC S8VS-12024BE Datasheet HTML 4Page - Omron Electronics LLC S8VS-12024BE Datasheet HTML 5Page - Omron Electronics LLC S8VS-12024BE Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Reduce Risks at the End of the Power Supply Service Life.
Prevent sudden equipment downtime at the end of the Power
Supply service life and reduce a variety of risks that occur due
to losses from stoppage.
Greatly Reduce Power Supply Maintenance Costs.
Using the Power Supply until the very end of its service life
reduces maintenance costs and helps save resources compared
with early Power Supply replacement.
Maintenance Forecast Notification with Indicator
Output a signal to an indicator outside of the control panel to
provide notification of need for replacement. (The replacement
time can be set in increments of 0.5 year.)
Error Monitoring with Output to a PLC
You can output error status to an event input to a PLC to
monitor for errors outside of the control panel.
S8VS
General
power
supply
Start of use
Service life
Replacement
Replacement
Loss
Use until the very end
of the service life
Loss occurs due to
early replacement.
0.5 another years
PLC
Indicator
Error!
Unrestricted Mounting Orientation
Dense mounting to the panel is supported, along with unrestricted
mounting orientation. You can downsize the panel, more effectively
use empty space, and use the Power Supply in more applications,
such as built into equipment.
Application in High-temperature Environments
The Power Supply can be used at a 100% load with an ambient
temperature of up to 60°, and greatly simplifying the thermal
design of panels.
Service life
Service life
General
power supply
Sudden equipment downtime
Service life
Losses from stoppage
Product defects
Lost data
Production delays
Standard mounting
Horizontal mounting
Face-up mounting
-20
20
0
40
60
80
100
120
-10
0
10
20
30
40
50
60
70
Horizontal mounting
Standard mounting
Face-up mounting
Ambient temperature (°C)
Derating Curve (15-W Models)
15/30-W Models
480W
60W
90/120W
180W
240W
480W
60W
15/30W
90/120W
180W
240W
The versatile indication monitor enables
visualization at the production site
Compact, Slim Design and Reduced Work Simplify
Control Panels
The A models provide a maintenance forecast monitor for
even greater visualization.
Standard models without a monitor also include a variety of
easy-to-use features.
Visualization through a Maintenance Forecast
Features of the A Models with Indication Monitor
Top and Bottom Terminal Blocks
Prevents Incorrect Wiring
Separate terminal blocks on the top for AC
inputs and on the bottom for DC outputs help
prevent wiring mistakes. This also simplifies
control panel design and helps prevent noise
problems caused by adjacent AC and DC wiring.
AC input
DC output
Easy Wiring with Screwless Terminal Blocks
The lineup includes models with
screwless terminal blocks that
enable easy single-action wiring
by simply inserting ferrules.
Single-action DIN Rail Mounting
All Power Supplies mount to DIN Rail.
Mounting and removing the Power
Supply in a single action reduces work.
Greatly Reduced Panel Mounting Area
Any of the models from 15 to 480 W is compact and slim. The panel
mounting area is much smaller than for previous Power Supplies, which
helps save space on the control panel.
Compliance with Safety Standards for Easy Export Overseas
Basic Performance for All Models
Wide Product Lineup for Precise Application
Standard model
A model
B model
BE model
15W
30W
60W
90W
120W
180W
240W
480W
Indication
monitor
No
indication
monitor
Features of Standard Models without Indication Monitor
Super-slim Body Saves Space.


Similar Part No. - S8VS-12024BE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-12024BE OMRON-S8VS-12024BE Datasheet
2Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VS-12024BE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD1002 ETC1-WD1002 Datasheet
1Mb / 11P
   Big-screen simplicity
logo
PHOENIX CONTACT
2737193 PHOENIX-2737193 Datasheet
69Kb / 5P
   Integrated web server for visualization with WebVisit
logo
Panasonic Semiconductor
JW2SNBDC12V PANASONIC-JW2SNBDC12V Datasheet
141Kb / 7P
   power relays for power supply
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com