Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPS8098 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MPS8098
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS8098 Datasheet(HTML) 3 Page - Motorola, Inc

  MPS8098 Datasheet HTML 1Page - Motorola, Inc MPS8098 Datasheet HTML 2Page - Motorola, Inc MPS8098 Datasheet HTML 3Page - Motorola, Inc MPS8098 Datasheet HTML 4Page - Motorola, Inc MPS8098 Datasheet HTML 5Page - Motorola, Inc MPS8098 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NPN MPS8098 MPS8099 PNP MPS8598 MPS8599
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 2. MPS8098/99 Current–Gain —
Bandwidth Product
Figure 3. MPS8598/99 Current–Gain —
Bandwidth Product
Figure 4. MPS8098/99 Capacitance
Figure 5. MPS8598/99 Capacitance
Figure 6. MPS8098/99 Switching Times
Figure 7. MPS8598/99 Switching Times
100
2.0
IC, COLLECTOR CURRENT (mA)
300
200
100
70
50
30
IC, COLLECTOR CURRENT (mA)
–100
–10
200
100
70
50
30
10
100
0.1
VR, REVERSE VOLTAGE (VOLTS)
40
20
10
6.0
VR, REVERSE VOLTAGE (VOLTS)
–1.0
–100
–0.1
–2.0
20
TJ = 25°C
TJ = 25°C
NPN
PNP
3.0
5.0 7.0
10
20
30
50
70
–2.0 –3.0
–5.0 –7.0
–20 –30
–50 –70
300
50
1.0
2.0
5.0
0.2
0.5
4.0
2.0
Cibo
Cobo
–0.2
–0.5
–5.0
–10
–20
–50
TJ = 25°C
20
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
IC, COLLECTOR CURRENT (mA)
–10
500
200
100
50
20
10
–100
100
50
200
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
–50
–200
1.0 k
30
70
300
700
30
70
td @ VBE(off) = 0.5 V
300
700
70
30
–70
–20
–30
1.0
VCE = 1.0 V
5.0 V
TJ = 25°C
VCE = –1.0 V
–5.0 V
–1.0
40
20
10
6.0
TJ = 25°C
4.0
2.0
Cibo
Cobo
VCC = –40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = –0.5 V
8.0
8.0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn