Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPS8098 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MPS8098
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS8098 Datasheet(HTML) 1 Page - Motorola, Inc

  MPS8098 Datasheet HTML 1Page - Motorola, Inc MPS8098 Datasheet HTML 2Page - Motorola, Inc MPS8098 Datasheet HTML 3Page - Motorola, Inc MPS8098 Datasheet HTML 4Page - Motorola, Inc MPS8098 Datasheet HTML 5Page - Motorola, Inc MPS8098 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
MAXIMUM RATINGS
Rating
Symbol
MPS8098
MPS8598
MPS8099
MPS8599
Unit
Collector – Emitter Voltage
VCEO
60
80
Vdc
Collector – Base Voltage
VCBO
60
80
Vdc
MPS8099
MPS8598
MPS8599
Emitter – Base Voltage
VEBO
6.0
5.0
Vdc
Collector Current – Continuous
IC
500
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 10 mAdc, IB = 0)
MPS8098, MPS8598
MPS8099, MPS8599
V(BR)CEO
60
80
Vdc
Collector – Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
MPS8098, MPS8598
MPS8099, MPS8599
V(BR)CBO
60
80
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
MPS8098, MPS8099
MPS8598, MPS8599
V(BR)EBO
6.0
5.0
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
ICES
0.1
µAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
MPS8098, MPS8598
(VCB = 80 Vdc, IE = 0)
MPS8099, MPS8599
ICBO
0.1
0.1
µAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc, IC = 0)
MPS8098, MPS8099
(VEB = 4.0 Vdc, IC = 0)
MPS8598, MPS8599
IEBO
0.1
0.1
µAdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle = 2.0%.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MPS8098/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
NPN
MPS8098
MPS8099
PNP
MPS8598
MPS8599
*Motorola Preferred Device
*
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
*
Voltage and current are negative
for PNP transistors
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER
COLLECTOR
3
2
BASE
1
EMITTER
NPN
PNP


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn