Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPS8098 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MPS8098
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS8098 Datasheet(HTML) 4 Page - Motorola, Inc

  MPS8098 Datasheet HTML 1Page - Motorola, Inc MPS8098 Datasheet HTML 2Page - Motorola, Inc MPS8098 Datasheet HTML 3Page - Motorola, Inc MPS8098 Datasheet HTML 4Page - Motorola, Inc MPS8098 Datasheet HTML 5Page - Motorola, Inc MPS8098 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NPN MPS8098 MPS8099 PNP MPS8598 MPS8599
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 8. MPS8098/99 Active–Region Safe
Operating Area
Figure 9. MPS8598/99 Active–Region Safe
Operating Area
Figure 10. MPS8098/99 DC Current Gain
Figure 11. MPS8598/99 DC Current Gain
Figure 12. MPS8098/99 “ON” Voltages
Figure 13. MPS8598/99 “ON” Voltages
2.0
0.2
IC, COLLECTOR CURRENT (mA)
400
200
100
80
60
40
10
NPN
PNP
TJ = 125°C
10
200
1.0
IC, COLLECTOR CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
0
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
10
1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
500
200
100
50
20
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
–10
–50
–1.0
–500
–200
–100
–50
–20
–10
–20
30
–2.0
–5.0
–1.0 k
2.0
5.0
50
1.0 k
MPS8098
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS8099
100
70
20
3.0
7.0
1.0
3.0 5.0
VCE = 5.0 V
20
100
30
50
200
25
°C
–55
°C
0.2
2.0
20
50
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
700
300
30
70
MPS8598
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS8599
–3.0
–7.0
–30
–100
–70
–30
–70
–300
–700
0.3 0.5
–2.0
–0.2
300
200
100
70
50
30
–10
TJ = 125°C
–1.0
–5.0
VCE = –5.0 V
–20
–100
–50
–200
25
°C
–55
°C
–0.5
0.5
5.0
10
200
1.0
1.0
0.8
0.6
0.4
0.2
0
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
0.2
2.0
20
50
0.5
5.0
DUTY CYCLE
≤ 10%
DUTY CYCLE
≤ 10%


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn