Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL313WACPZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL313WACPZ-RL
Description  3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL313WACPZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL313WACPZ-RL Datasheet HTML 7Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 8Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 9Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 10Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 11Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 12Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 13Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 14Page - Analog Devices ADXL313WACPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADXL313
Rev. 0 | Page 11 of 28
Table 8. SPI Digital Input/Output
Limit1
Parameter
Test Conditions/Comments
Min
Max
Unit
Digital Input
Low Level Input Voltage (VIL)
0.3 × VDD I/O
V
High Level Input Voltage (VIH)
0.7 × VDD I/O
V
Low Level Input Current (IIL)
VIN = VDD I/O
0.1
µA
High Level Input Current (IIH)
VIN = 0 V
−0.1
µA
Digital Output
Low Level Output Voltage (VOL)
IOL = 10 mA
0.2 × VDD I/O
V
High Level Output Voltage (VOH)
IOH = −4 mA
0.8 × VDD I/O
V
Low Level Output Current (IOL)
VOL = VOL, max
10
mA
High Level Output Current (IOH)
VOH = VOH, min
−4
mA
Pin Capacitance
fIN = 1 MHz, VIN = 2.5 V
8
pF
1
Limits based on characterization results; not production tested.
Table 9. SPI Timing (TA = 25°C, VS = VDDI/O = 3.3 V)1
Limit2, 3
Parameter
Min
Max
Unit
Description
fSCLK
5
MHz
SPI clock frequency.
tSCLK
200
ns
1/(SPI clock frequency) mark-space ratio for the SCLK input is 40/60 to 60/40.
tDELAY
5
ns
CS falling edge to SCLK falling edge.
tQUIET
5
ns
SCLK rising edge to CS rising edge.
tDIS
10
ns
CS rising edge to SDO disabled.
t
CS,DIS
150
ns
CS deassertion between SPI communications.
tS
0.3 × tSCLK
ns
SCLK low pulse width (space).
tM
0.3 × tSCLK
ns
SCLK high pulse width (mark).
tSETUP
5
ns
SDI valid before SCLK rising edge.
tHOLD
5
ns
SDI valid after SCLK rising edge.
tSDO
40
ns
SCLK falling edge to SDO/SDIO output transition.
tR4
20
ns
SDO/SDIO output high to output low transition.
tF4
20
ns
SDO/SDIO output low to output high transition.
1
The CS, SCLK, SDI, and SDO pins are not internally pulled up or down; they must be driven for proper operation.
2
Limits based on characterization results, characterized with fSCLK = 5 MHz and bus load capacitance of 100 pF; not production tested.
3
The timing values are measured corresponding to the input thresholds (VIL and VIH) given in Table 8.
4
Output rise and fall times measured with capacitive load of 150 pF.


Similar Part No. - ADXL313WACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results

Similar Description - ADXL313WACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
688Kb / 32P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Rev. PrC
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL375 AD-ADXL375 Datasheet
534Kb / 32P
   3-Axis, 200 g Digital Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com