Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCN Datasheet(PDF) 5 Page - Bi technologies

Part # BCN
Description  Range extended to include 0201 size resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN Datasheet(HTML) 5 Page - Bi technologies

  BCN_12 Datasheet HTML 1Page - Bi technologies BCN_12 Datasheet HTML 2Page - Bi technologies BCN_12 Datasheet HTML 3Page - Bi technologies BCN_12 Datasheet HTML 4Page - Bi technologies BCN_12 Datasheet HTML 5Page - Bi technologies BCN_12 Datasheet HTML 6Page - Bi technologies BCN_12 Datasheet HTML 7Page - Bi technologies BCN_12 Datasheet HTML 8Page - Bi technologies BCN_12 Datasheet HTML 9Page - Bi technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BCN Series
BCN
Outline Dimensions (Inch /mm)
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
L
W
T
A
B1
B2
C
P
.126 ±.008
.063 ±.008
.020 ±.004
.012 ±.006
.014 ±.006
.020 ±.006
.008
.025
3.20 ±0.20
1.60 ±0.20
0.50 ±0.10
0.30 ±0.15
0.36 ±0.15
0.50 ±0.15
0.20
0.64
L
W
T
A
B
C
D
.157 ±.008
.083 ±.008
.021 ±.004
.020 ±.008
.010 ±.008
.020 ±.008
.012 ±.008
4.00 ±0.20
2.10 ±0.20
0.55 ±0.10
0.50 ±0.20
0.25 ±0.20
0.50 ±0.20
0.30 ±0.20
A1
B1
C1
D1
E
P
.016 ±.008
.014 ±.008
.020 ±.008
.014 ±.008
.012 Typ.
0.30
.032 Typ.
0.80
0.40 ±0.20
0.40 ±0.20
0.50 ±0.20
0.35 ±0.20
Exterior Termination (Convex)
Square Edge: Models BCN 16 8R, 8S
B1
L
W
P
B2
A
T
C
Interior Termination (Concave)
Square Edge: Models BCN 21
L
T
W
C
D
P
A
B
B1
1
D
E
1
A
C1


Similar Part No. - BCN_12

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN21 TTELEC-BCN21 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
Bi technologies
BCN31 BITECH-BCN31 Datasheet
67Kb / 4P
   R/2R Ladder Network 8 Bit, 2512 Size Thick Film Leadless Chip Packages
logo
TT Electronics.
BCN31 TTELEC-BCN31 Datasheet
274Kb / 3P
   Leadless Chip Packages
BCN31 TTELEC-BCN31 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
BCN318RB331J7 ETC2-BCN318RB331J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
More results

Similar Description - BCN_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSE VISHAY-WSE Datasheet
207Kb / 3P
   Power Metal Strip® Resistors (Extended Range) Surface Mount
Revision: 13-Oct-06
WSE VISHAY-WSE_15 Datasheet
97Kb / 3P
   Power Metal Strip® Resistors (Extended Range), Surface Mount
Revision: 15-Feb-11
logo
Murata Manufacturing Co...
BLM03AG100SN1D MURATA-BLM03AG100SN1D Datasheet
94Kb / 3P
   BLM03A Series (0201 Size)
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
   Extended temperature range
logo
Tadiran Batteries GmbH
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
   Extended temperature range
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
   Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
   Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
   Extended temperature range
logo
Bel Fuse Inc.
YNS12S10 BEL-YNS12S10 Datasheet
775Kb / 21P
   Extended input range 9.6 to 14 VDC
logo
AVX Corporation
SE035C475KAR AVX-SE035C475KAR Datasheet
122Kb / 3P
   Extended Commercial Radial Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com