Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4159CCPZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4159CCPZ-RL7
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

  ADF4159CCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADF4159CCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADF4159
Data Sheet
Rev. B | Page 4 of 36
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
Normalized Phase Noise Floor3
PLL loop BW = 1 MHz
Integer-N Mode
−224
dBc/Hz
FRAC = 0
Fractional-N Mode
−217
dBc/Hz
Normalized 1/f Noise (PN1_f)4
−120
dBc/Hz
Measured at 10 kHz offset, normalized
to 1 GHz
Phase Noise Performance5
At VCO output
12,002 MHz Output6
−96
dBc/Hz
At 50 kHz offset, 100 MHz PFD frequency
1
Operating temperature: −40°C to +125°C.
2
Guaranteed by design. Sample tested to ensure compliance.
3
This specification can be used to calculate phase noise for any application. Use the formula ((Normalized Phase Noise Floor) + 10 log(fPFD) + 20 logN) to calculate
in-band phase noise performance as seen at the VCO output.
4
The PLL phase noise is composed of flicker (1/f) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency (fRF)
and at an offset frequency (f) is given by PN = PN1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in ADIsimPLL.
5
The phase noise is measured with the EV-ADF4159EB3Z and the Rohde & Schwarz FSUP signal source analyzer.
6
fREFIN = 100 MHz; fPFD = 100 MHz; offset frequency = 50 kHz; RFOUT = 12,002 MHz; N = 120.02; loop bandwidth = 250 kHz.
TIMING SPECIFICATIONS
AVDD = VP = 2.7 V to 3.45 V, DVDD = SDVDD = 1.8 V, AGND = DGND = SDGND = CPGND = 0 V, TA = TMIN to TMAX, dBm referred to 50 Ω,
unless otherwise noted.
Table 2. Write Timing
Parameter
Limit at TMIN to TMAX
Unit
Description
t1
20
ns min
LE setup time
t2
10
ns min
DATA to CLK setup time
t3
10
ns min
DATA to CLK hold time
t4
25
ns min
CLK high duration
t5
25
ns min
CLK low duration
t6
10
ns min
CLK to LE setup time
t7
20
ns min
LE pulse width
Write Timing Diagram
CLK
DATA
LE
LE
DB30
DB1
(CONTROL BIT C2)
DB2
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t4
t5
t7
t6
DB31 (MSB)
Figure 2. Write Timing Diagram


Similar Part No. - ADF4159CCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4159CCPZ-RL7 AD-ADF4159CCPZ-RL7 Datasheet
653Kb / 36P
   Direct Modulation/Fast Waveform Generating,
More results

Similar Description - ADF4159CCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4169 AD-ADF4169 Datasheet
675Kb / 36P
   Direct Modulation/Fast Waveform Generating, Fractional-N Frequency Synthesizer
ADF4158 AD-ADF4158_18 Datasheet
561Kb / 35P
   Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
   Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4159 AD-ADF4159_14 Datasheet
653Kb / 36P
   Direct Modulation/Fast Waveform Generating,
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com