Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114EEB Datasheet(PDF) 10 Page - Rohm

Part # DTA114EEB
Description  PNP -100mA -50V Digital Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114EEB Datasheet(HTML) 10 Page - Rohm

Back Button DTA114EEB Datasheet HTML 3Page - Rohm DTA114EEB Datasheet HTML 4Page - Rohm DTA114EEB Datasheet HTML 5Page - Rohm DTA114EEB Datasheet HTML 6Page - Rohm DTA114EEB Datasheet HTML 7Page - Rohm DTA114EEB Datasheet HTML 8Page - Rohm DTA114EEB Datasheet HTML 9Page - Rohm DTA114EEB Datasheet HTML 10Page - Rohm DTA114EEB Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTA114E series
Dimensions (Unit : mm)
Dimension in mm/inches
SMT3
Patterm of terminal position areas 
D
b
x
S A
A
c
Q
A3
S
e
b2
e
MIN
MAX
MIN
MAX
A
1.00
1.30
-
0.051
A1
0.00
0.10
0
0.004
A3
b
0.35
0.50
0.014
0.02
c
0.09
0.25
0.004
0.01
D
2.80
3.00
0.11
0.118
E
1.50
1.80
0.059
0.071
e
HE
2.60
3.00
0.102
0.118
L1
0.30
0.60
0.012
0.024
Lp
0.40
0.70
0.016
0.028
Q
0.20
0.30
0.008
0.012
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
0.60
-
0.024
l1
-
0.90
-
0.035
0.25
0.01
DIM
MILIMETERS
INCHES
2.10
0.08
DIM
MILIMETERS
INCHES
0.95
0.04
10/10
2012.02 - Rev.E


Similar Part No. - DTA114EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114EEB ROHM-DTA114EEB Datasheet
89Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA114EEB ROHM-DTA114EEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTA114EEB ROHM-DTA114EEB Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EEB ROHM-DTA114EEB Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EEB ROHM-DTA114EEB Datasheet
3Mb / 12P
   PNP -100mA -50V Digital Transistors
More results

Similar Description - DTA114EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123J ROHM-DTA123J Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA144W ROHM-DTA144W Datasheet
1Mb / 9P
   PNP -100mA -50V Digital Transistors
DTA143E ROHM-DTA143E Datasheet
4Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA123JCA ROHM-DTA123JCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114ECA ROHM-DTA114ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA143ECA ROHM-DTA143ECA_15 Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
DTA114E ROHM-DTA114E_15 Datasheet
3Mb / 12P
   PNP -100mA -50V Digital Transistors
DTA143ZUAT106 ROHM-DTA143ZUAT106 Datasheet
554Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA144EKAT146 ROHM-DTA144EKAT146 Datasheet
571Kb / 11P
   PNP -100mA -50V Digital Transistors
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com