Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2004ANE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2004ANE4
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004ANE4 Datasheet(HTML) 4 Page - Texas Instruments

  ULN2004ANE4 Datasheet HTML 1Page - Texas Instruments ULN2004ANE4 Datasheet HTML 2Page - Texas Instruments ULN2004ANE4 Datasheet HTML 3Page - Texas Instruments ULN2004ANE4 Datasheet HTML 4Page - Texas Instruments ULN2004ANE4 Datasheet HTML 5Page - Texas Instruments ULN2004ANE4 Datasheet HTML 6Page - Texas Instruments ULN2004ANE4 Datasheet HTML 7Page - Texas Instruments ULN2004ANE4 Datasheet HTML 8Page - Texas Instruments ULN2004ANE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
at 25°C free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VCC
Collector-emitter voltage
50
V
Clamp diode reverse voltage(2)
50
V
VI
Input voltage(2)
30
V
See Figure 14 and
Peak collector current
500
mA
Figure 15
IOK
Output clamp current
500
mA
Total emitter-terminal current
–2.5
A
ULN200xA
–20
70
ULN200xAI
–40
105
TA
Operating free-air temperature range
°C
ULQ200xA
–40
85
ULQ200xAT
–40
105
D package
73
N package
67
θJA
Package thermal impedance(3) (4)
NS package
64
°C/W
PW package
108
D package
36
θJC
Package thermal impedance(5) (6)
N package
54
TJ
Operating virtual junction temperature
150
°C
Lead temperature for 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
Maximum power dissipation is a function of TJ(max), θJC, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with MIL-STD-883.
ELECTRICAL CHARACTERISTICS
TA = 25°C
ULN2002A
TEST
PARAMETER
TEST CONDITIONS
UNIT
FIGURE
MIN
TYP
MAX
VI(on)
On-state input voltage
Figure 6
VCE = 2 V,
IC = 300 mA
13
V
II = 250 μA,
IC = 100 mA
0.9
1.1
VCE(sat)
Collector-emitter saturation voltage
Figure 4
II = 350 μA,
IC = 200 mA
1
1.3
V
II = 500 μA,
IC = 350 mA
1.2
1.6
VF
Clamp forward voltage
Figure 7
IF = 350 mA
1.7
2
V
Figure 1
VCE = 50 V,
II = 0
50
ICEX
Collector cutoff current
VCE = 50 V,
II = 0
100
μA
Figure 2
TA = 70°C
VI = 6 V
500
II(off)
Off-state input current
Figure 2
VCE = 50 V,
IC = 500 μA
50
65
μA
II
Input current
Figure 3
VI = 17 V
0.82
1.25
mA
TA = 70°C
100
IR
Clamp reverse current
Figure 6
VR = 50 V
μA
50
Ci
Input capacitance
VI = 0,
f = 1 MHz
25
pF
4
Submit Documentation Feedback
Copyright © 1976–2013, Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


Similar Part No. - ULN2004ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2004ANE4 TI-ULN2004ANE4 Datasheet
513Kb / 19P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ANE4 TI-ULN2004ANE4 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004ANE4 TI-ULN2004ANE4 Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004ANE4 TI1-ULN2004ANE4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2004ANE4 TI1-ULN2004ANE4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - ULN2004ANE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com