Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2004AD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2004AD
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2004AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button ULN2004AD Datasheet HTML 2Page - Texas Instruments ULN2004AD Datasheet HTML 3Page - Texas Instruments ULN2004AD Datasheet HTML 4Page - Texas Instruments ULN2004AD Datasheet HTML 5Page - Texas Instruments ULN2004AD Datasheet HTML 6Page - Texas Instruments ULN2004AD Datasheet HTML 7Page - Texas Instruments ULN2004AD Datasheet HTML 8Page - Texas Instruments ULN2004AD Datasheet HTML 9Page - Texas Instruments ULN2004AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 105°C
ULN2003AI
PARAMETER
TEST FIGURE
TEST CONDITIONS
UNIT
MIN
TYP
MAX
IC = 200 mA
2.7
VI(on)
On-state input voltage
Figure 6
VCE = 2 V
IC = 250 mA
2.9
V
IC = 300 mA
3
II = 250 μA,
IC = 100 mA
0.9
1.2
VCE(sat)
Collector-emitter saturation voltage
Figure 5
II = 350 μA,
IC = 200 mA
1
1.4
V
II = 500 μA,
IC = 350 mA
1.2
1.7
ICEX
Collector cutoff current
Figure 1
VCE = 50 V,
II = 0
100
μA
VF
Clamp forward voltage
Figure 8
IF = 350 mA
1.7
2.2
V
II(off)
Off-state input current
Figure 3
VCE = 50 V,
IC = 500 μA
30
65
μA
II
Input current
Figure 4
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
Figure 7
VR = 50 V
100
μA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
ULQ2003A
ULQ2004A
TEST
PARAMETER
TEST CONDITIONS
UNIT
FIGURE
MIN
TYP
MAX
MIN
TYP
MAX
IC = 125 mA
5
IC = 200 mA
2.7
6
IC = 250 mA
2.9
VI(on)
On-state input voltage
Figure 6
VCE = 2 V
V
IC = 275 mA
7
IC = 300 mA
3
IC = 350 mA
8
II = 250 μA,
IC = 100 mA
0.9
1.2
0.9
1.1
Collector-emitter
VCE(sat)
Figure 5
II = 350 μA,
IC = 200 mA
1
1.4
1
1.3
V
saturation voltage
II = 500 μA,
IC = 350 mA
1.2
1.7
1.2
1.6
Figure 1
VCE = 50 V,
II = 0
100
50
ICEX
Collector cutoff current
VCE = 50 V,
II = 0
100
μA
Figure 2
TA = 70°C
VI = 6 V
500
VF
Clamp forward voltage
Figure 8
IF = 350 mA
1.7
2.3
1.7
2
V
VCE = 50 V,
II(off)
Off-state input current
Figure 3
IC = 500 μA
65
50
65
μA
TA = 70°C,
VI = 3.85 V
0.93
1.35
II
Input current
Figure 4
VI = 5 V
0.35
0.5
mA
VI = 12 V
1
1.45
TA = 25°C
100
50
IR
Clamp reverse current
Figure 7
VR = 50 V
μA
100
100
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
pF
6
Submit Documentation Feedback
Copyright © 1976–2013, Texas Instruments Incorporated
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


Similar Part No. - ULN2004AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2004AD TI-ULN2004AD Datasheet
513Kb / 19P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AD TI-ULN2004AD Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AD TI-ULN2004AD Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2004AD TI1-ULN2004AD Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2004AD TI1-ULN2004AD Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
More results

Similar Description - ULN2004AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com