Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPS6726 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MPS6726
Description  One Watt Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MPS6726 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPS6726 MPS6727
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 5. Current Gain — Bandwidth Product
Figure 6. Capacitance
–20
–100
–10
IC, COLLECTOR CURRENT (mA)
200
100
70
50
30
VR, REVERSE VOLTAGE (VOLTS)
–5.0
–20
Cobo
160
120
80
0
–50
–200
–1000
–500
300
–10
–25
–15
40
TJ = 25°C
–1.0
–4.0
Cibo
–2.0
–5.0
–3.0
Cobo
Cibo
VCE = –10 V
TJ = 25°C
f = 20 MHz
Figure 7. Active Region — Safe Operating
Area
–10
–1.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
–500
–200
–100
–50
–20
–10
–30
–2.0
–5.0
–40
–1.0 k
MPS6726
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
MPS6727
–20
DUTY CYCLE
≤ 10%
TA = 25°C
TC = 25°C
1.0 s
1.0 ms
100
ms


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn