Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27424P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424P
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27424P Datasheet(HTML) 3 Page - Texas Instruments

  UCC27424P Datasheet HTML 1Page - Texas Instruments UCC27424P Datasheet HTML 2Page - Texas Instruments UCC27424P Datasheet HTML 3Page - Texas Instruments UCC27424P Datasheet HTML 4Page - Texas Instruments UCC27424P Datasheet HTML 5Page - Texas Instruments UCC27424P Datasheet HTML 6Page - Texas Instruments UCC27424P Datasheet HTML 7Page - Texas Instruments UCC27424P Datasheet HTML 8Page - Texas Instruments UCC27424P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDD
Supply voltage
-0.3 to 16
V
IOUT_DC
Output current (OUTA, OUTB) DC
0.2
A
IOUT_PULSED
Pulsed, (0.5
μs)
4.5
A
VIN
Input voltage (INA, INB)
-5 to 6 or VDD+0.3 (whichever is larger)
V
Enable voltage (ENBA, ENBB)
–0.3 V to 6 V or VDD+0.3 (whichever is larger)
DGN package
3
W
Power dissipation at TA = 25°C
D package
650
mW
P package
350
TJ
Junction operating temperature
–55 to 150
Tstg
Storage temperature
–65 to 150
°C
Lead temperature (soldering, 10 sec)
300
(1)
When VDD
≤ 6 V, EN rating max value is 6 V; when VDD > 6 V, EN rating max value is VDD + 0.3 V.
ELECTRICAL CHARACTERISTICS
VDD = 4.5V to 15V, TA = –40°C to 125°C ,TA = TJ, (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
INPUT (INA, INB)
VIN_H
Logic 1 input threshold
2
V
VIN_L
Logic 0 input threshold
1
Input current
0 V
≤ VIN ≤ VDD
–10
0
10
μA
OUTPUT (OUTA, OUTB)
Output current
VDD = 14 V
(1)
4
A
VOH
High-level output voltage
VOH = VDD – VOUT, IOUT = –10 mA
330
450
mV
VOL
Low-level output level
IOUT = 10 mA
22
45
TA = 25°C, IOUT = –10 mA, VDD = 14 V
(2)
25
30
35
Output resistance high
TA = full range, IOUT = –10 mA, VDD = 14 V
(2)
18
45
TA = 25°C, IOUT = 10 mA, VDD = 14 V
(2)
1.9
2.2
2.5
Output resistance low
TA = full range IOUT = 10 mA, VDD = 14 V
(2)
1.2
4.0
Latch-up protection
500
mA
SWITCHING TIME
tr
Rise time (OUTA, OUTB)
CLOAD = 1.8 nF
20
40
tf
Fall time (OUTA, OUTB)
CLOAD = 1.8 nF
15
40
ns
td1
Delay, IN rising (IN to OUT)
CLOAD = 1.8 nF
25
40
td2
Delay, IN falling (IN to OUT)
CLOAD = 1.8 nF
35
50
(1)
The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The pulsed output current rating is the
combined current from the bipolar and MOSFET transistors.
(2)
The pullup / pulldown circuits of the driver are bipolar and MOSFET transistors in parallel. The output resistance is the Rds(on) of the
MOSFET transistor when the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27424P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424P TI-UCC27424P Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424P TI1-UCC27424P Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424P TI1-UCC27424P Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27424PE4 TI1-UCC27424PE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424PE4 TI1-UCC27424PE4 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
More results

Similar Description - UCC27424P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com