Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU75N3LLH6-S Datasheet(PDF) 11 Page - STMicroelectronics

Part # STU75N3LLH6-S
Description  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU75N3LLH6-S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STU75N3LLH6-S Datasheet HTML 7Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 8Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 9Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 10Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 11Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 12Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 13Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 14Page - STMicroelectronics STU75N3LLH6-S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STD/P/U75N3LLH6, STU75N3LLH6-S
Package mechanical data
Doc ID 15978 Rev 4
11/21
Figure 20.
Short IPAK mechanical drawing
Table 8.
Short IPAK mechanical dimensions
Dim.
mm
Min
Typ
Max
A
2.20
2.40
A1
0.90
1.10
b
0.64
0.90
b2
0.95
b4
5.20
5.40
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
E
6.40
6.60
e
2.25
e1
4.40
4.60
H
9.80
10.40
L
3.00
3.40
L1
0.80
1.20
L2
0.80
1.00


Similar Part No. - STU75N3LLH6-S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STU75N3LLH6-S VBSEMI-STU75N3LLH6-S Datasheet
893Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STU75N3LLH6-S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD150N3LLH6 STMICROELECTRONICS-STD150N3LLH6 Datasheet
948Kb / 16P
   N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
   N-channel 30 V, 0.0072 廓, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
   N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com