Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP75N3LLH6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP75N3LLH6
Description  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N3LLH6 Datasheet(HTML) 4 Page - STMicroelectronics

  STP75N3LLH6 Datasheet HTML 1Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 2Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 3Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 4Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 5Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 6Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 7Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical characteristics
STD/P/U75N3LLH6, STU75N3LLH6-S
4/21
Doc ID 15978 Rev 4
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage (VGS = 0)
ID = 250 µA
30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 30 V
VDS =30 V TC = 125 °C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
1
1.7
2.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 37.5 A
SMD version
0.0042 0.0055
Ω
VGS = 10 V, ID = 37.5 A
0.0046 0.0059
Ω
VGS = 4.5 V, ID = 37.5 A
SMD version
0.0065
0.008
Ω
VGS = 4.5 V, ID = 37.5 A
0.0069 0.0084
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
1350
230
140
1690
290
176
2030
350
210
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15 V, ID = 75 A,
VGS = 4.5 V
(see Figure 14)
17
8
6
23.8
11.2
8.4
nC
nC
nC
Qgs1
Qgs2
Pre Vth gate-to-source
charge
Post Vth gate-to-source
charge
VDD=15 V, ID = 75 A
VGS =5 V
(Figure 19)
3.9
4.1
5.5
5.7
nC
nC
RG
Gate input resistance
f=1 MHz gate bias
Bias=0 test signal
level=20 mV open drain
1.25
1.7
2
Ω


Similar Part No. - STP75N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP75N15 STMICROELECTRONICS-STP75N15 Datasheet
237Kb / 10P
   N-CHANNEL 150V - 0.02Ω - 75A TO-220/D²PAK/TO-247 LOW GATE CHARGE STripFET™ MOSFET
November 2004
STP75N20 STMICROELECTRONICS-STP75N20 Datasheet
508Kb / 16P
   N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
logo
VBsemi Electronics Co.,...
STP75N75F4 VBSEMI-STP75N75F4 Datasheet
1,002Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
STMicroelectronics
STP75NE75 STMICROELECTRONICS-STP75NE75 Datasheet
106Kb / 9P
   N - CHANNEL 75V - 0.01ohm - 75A TO-220/TO-220FP STripFET POWER MOSFET
More results

Similar Description - STP75N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD150N3LLH6 STMICROELECTRONICS-STD150N3LLH6 Datasheet
948Kb / 16P
   N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5_09 Datasheet
391Kb / 16P
   N-channel 30 V, 0.0072 廓, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
   N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
   N-channel 800 V, 0.95 廓, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh??Power MOSFET
logo
STATEK CORPORATION
STD3LN62K3 STATEK-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com