Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OP500 Datasheet(PDF) 4 Page - OPTEK Technologies

Part No. OP500
Description  Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTEK [OPTEK Technologies]
Homepage  http://www.optekinc.com
Logo 

OP500 Datasheet(HTML) 4 Page - OPTEK Technologies

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
02/09
Page 4 of 5
Silicon Phototransistor and Photo Darlington
in Miniature 0805 SMD Package
OP500, OP501, OP500DA, OP501DA
OP500, OP501
Relative On-State Collector Current
vs. Irradiance—Ee (mW/cm
2)
0
1.0
2.0
3.0
4.0
Ee—Irradiance (mW/cm2)
80%
100%
120%
140%
160%
Relative On-State Collector Current-IC (mA)
vs. Temperature-TA
-25
0
25
50
75
100
Temperature—(°C)
60%
40%
5.0
6.0
7.0
90%
100%
110%
120%
130%
80%
70%
140%
8.0
20%
Normalized at Ee = 5mW/cm2
Conditions: VCE = 5V,
λ = 935nm, TA = 25 °C
Normalized at TA = 25°C .
Conditions: VCE = 5V,
λ = 935nm, TA = 25 °C
OP500DA, OP501DA
Collector-Emitter Dark Current
vs. Temperature-TA
-25
0
25
Temperature—(°C)
10
1000
1
50
75
100
0
100
Conditions: Ee = 0 mW/cm2
VCE = 10V
Relative On-State Collector Current –
Ic (mA)
vs. Collector-Emitter Voltage—VCE (V)
0
0.5
1.0
1.5
2.5
3
Collector-Emitter Voltage (V)
12.5
15.0
17.5
20
25
10.0
30
1.2 mW/cm2
1.0 mW/cm2
0.8 mW/cm2
0.6 mW/cm2
0.4 mW/cm2
0.2 mW/cm2


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn