Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OP500 Datasheet(PDF) 3 Page - OPTEK Technologies

Part No. OP500
Description  Silicon Phototransistor and Photo Darlington in Miniature 0805 SMD Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTEK [OPTEK Technologies]
Homepage  http://www.optekinc.com
Logo 

OP500 Datasheet(HTML) 3 Page - OPTEK Technologies

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
02/09
Page 3 of 5
Silicon Phototransistor and Photo Darlington
in Miniature 0805 SMD Package
OP500, OP501, OP500DA, OP501DA
OP500, OP501
900
1100
1000
0%
20%
40%
60%
80%
100%
Wavelength (nm)
Relative Response vs. Wavelength
800
700
600
500
400
OP501,
OP501DA
OP500,
OP500DA
-25
0
25
Temperature—(°C)
10
1000
1
50
75
100
0
100
Conditions: Ee = 0 mW/cm2
VCE = 10V
0
1
2
3
4
5
Collector-Emitter Voltage (V)
0.40
0.60
0.80
1.00
1.20
0.20
1.40
1.60
1.80
2.00
3 mW/cm2
2.5 mW/cm2
2 mW/cm2
1.5 mW/cm2
1.0 mW/cm2
0.5 mW/cm2
Relative On-State Collector Current –
Ic (mA)
vs. Collector-Emitter Voltage—VCE (V)
Collector-Emitter Dark Current
vs. Temperature-TA


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn