Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UCC28083D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28083D
Description  8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

UCC28083D Datasheet(HTML) 13 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
UCC28083, UCC28084, UCC28085, UCC28086
UCC38083, UCC38084, UCC38085, UCC38086
SLUS488E − SEPTEMBER 2002 − REVISED JULY 2009
13
www.ti.com
TYPICAL CHARACTERISTICS
10
1000
200
160
120
80
40
0
100
20
60
100
140
180
Figure 10
DEAD TIME
vs
TIMING RESISTANCE OVER VDD
VDD = 14 V
T = −40
°C
T = 25
°C
VDD = 6 V*
VDD = 10 V
VDD = 6 V*
T = 85
°C
VDD = 14 V
RT − Timing Resistance − k
* UCCx8084/6, only
Figure 11
−50
125
Temperature −
160
100
60
40
0
50
20
80
120
140
−25
0
25
75
100
DEAD TIME
vs
TEMPERATURE
°C
RT = 165 kΩ″
RF= 1 kΩ
CF = 220 kΩ
RSET = 50 kΩ
Figure 12
−50
125
Temperature −
2.0
1.6
1.2
0.8
0.4
0.0
50
0.2
0.6
1.0
1.4
1.8
−25
0
25
75
100
CONTROL TO CS OFFSET
vs
TEMPERATURE
°C
VCS = 0.40 V
VCS = 0 V
Figure 13
015
VDD − Volts
0.6
0.5
0
10
0.1
0.2
0.3
0.4
(OC Clamped)
5
RAMP HEIGHT
vs
VDD
RSET = 18 kΩ
TA = 25°C
RSET = 10 kΩ
RSET = 50 kΩ
RSET = 100 kΩ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn