Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27424DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424DR
Description  Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27424DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC27424DR Datasheet HTML 7Page - Texas Instruments UCC27424DR Datasheet HTML 8Page - Texas Instruments UCC27424DR Datasheet HTML 9Page - Texas Instruments UCC27424DR Datasheet HTML 10Page - Texas Instruments UCC27424DR Datasheet HTML 11Page - Texas Instruments UCC27424DR Datasheet HTML 12Page - Texas Instruments UCC27424DR Datasheet HTML 13Page - Texas Instruments UCC27424DR Datasheet HTML 14Page - Texas Instruments UCC27424DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
UCC27423, UCC27424, UCC27425
www.ti.com
SLUS545D – NOVEMBER 2002 – REVISED MAY 2013
Thermal Information
The useful range of a driver is greatly affected by the drive power requirements of the load and the thermal
characteristics of the IC package. In order for a power driver to be useful over a particular temperature range the
package must allow for the efficient removal of the heat produced while keeping the junction temperature within
rated limits. The UCC27423/4/5 family of drivers is available in three different packages to cover a range of
application requirements.
As shown in the power dissipation rating table, the SOIC-8 (D) and PDIP-8 (P) packages each have a power
rating of around 0.5W with TA = 70°C. This limit is imposed in conjunction with the power derating factor also
given in the table. Note that the power dissipation in our earlier example is 0.432W with a 10nF load, 12VDD,
switched at 300kHz. Thus, only one load of this size could be driven using the D or P package, even if the two
onboard drivers are paralleled. The difficulties with heat removal limit the drive available in the older packages.
The MSOP PowerPAD-8 (DGN) package significantly relieves this concern by offering an effective means of
removing the heat from the semiconductor junction. As illustrated in Reference 3, the PowerPAD packages offer
a leadframe die pad that is exposed at the base of the package. This pad is soldered to the copper on the PC
board directly underneath the IC package, reducing the
θjc down to 4.7°C/W. Data is presented in Reference 3
to show that the power dissipation can be quadrupled in the PowerPAD configuration when compared to the
standard packages. The PC board must be designed with thermal lands and thermal vias to complete the heat
removal subsystem, as summarized in Reference 4. This allows a significant improvement in heatsinking over
that available in the D or P packages, and is shown to more than double the power capability of the D and P
packages. Note that the PowerPAD™ is not directly connected to any leads of the package. However, it is
electrically and thermally connected to the substrate which is the ground of the device.
References
1. Power Supply Seminar SEM-1400 Topic 2: Design And Application Guide For High Speed MOSFET Gate
Drive Circuits, by Laszlo Balogh, Texas Instruments (SLUP133).
2. Application Note, Practical Considerations in High Performance MOSFET, IGBT and MCT Gate Drive
Circuits, by Bill Andreycak, Texas Instruments ( SLUA105)
3. Technical Brief, PowerPad Thermally Enhanced Package, Texas Instruments (SLMA002)
4. Application Brief, PowerPAD Made Easy, Texas Instruments (SLMA004)
Related Products
PRODUCT
DESCRIPTION
PACKAGES
UCC37323/4/5
Dual 4-A Low-Side Drivers
MSOP-8 PowerPAD, SOIC-8, PDIP-8
UCC37321/2
Single 9-A Low-Side Driver with Enable
MSOP-8 PowerPAD, SOIC-8, PDIP-8
TPS2811/12/13
Dual 2-A Low-Side Drivers with Internal Regulator
TSSOP-8, SOIC-8, PDIP-8
TPS2814/15
Dual 2-A Low-Side Drivers with Two Inputs per Channel
TSSOP-8, SOIC-8, PDIP-8
TPS2816/17/18/19
Single 2-A Low-Side Driver with Internal Regulator
5-Pin SOT-23
TPS2828/29
Single 2-A Low-Side Driver
5-Pin SOT-23
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC27423 UCC27424 UCC27425


Similar Part No. - UCC27424DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27424DRG4 TI1-UCC27424DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424DRG4 TI1-UCC27424DRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
More results

Similar Description - UCC27424DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27423-Q1 TI1-UCC27423-Q1 Datasheet
783Kb / 28P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
AUGUST2011
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com