Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG312P Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDG312P
Description  P-Channel 2.5V Specified PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG312P Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDG312P Datasheet HTML 1Page - Fairchild Semiconductor FDG312P Datasheet HTML 2Page - Fairchild Semiconductor FDG312P Datasheet HTML 3Page - Fairchild Semiconductor FDG312P Datasheet HTML 4Page - Fairchild Semiconductor FDG312P Datasheet HTML 5Page - Fairchild Semiconductor FDG312P Datasheet HTML 6Page - Fairchild Semiconductor FDG312P Datasheet HTML 7Page - Fairchild Semiconductor FDG312P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SC70-6 (FS PKG Code 76)
1 : 1
Scale 1:1 on letter size paper
Part Weight per unit (gram): 0.0055
SC70-6 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A


Similar Part No. - FDG312P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDG313N FAIRCHILD-FDG313N Datasheet
713Kb / 8P
   Digital FET, N-Channel
FDG314P FAIRCHILD-FDG314P Datasheet
84Kb / 5P
   Digital FET, P-Channel
FDG315 FAIRCHILD-FDG315 Datasheet
81Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
FDG315N FAIRCHILD-FDG315N Datasheet
81Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
More results

Similar Description - FDG312P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com