Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28C43DGK Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28C43DGK
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43DGK Datasheet(HTML) 5 Page - Texas Instruments

  UCC28C43DGK Datasheet HTML 1Page - Texas Instruments UCC28C43DGK Datasheet HTML 2Page - Texas Instruments UCC28C43DGK Datasheet HTML 3Page - Texas Instruments UCC28C43DGK Datasheet HTML 4Page - Texas Instruments UCC28C43DGK Datasheet HTML 5Page - Texas Instruments UCC28C43DGK Datasheet HTML 6Page - Texas Instruments UCC28C43DGK Datasheet HTML 7Page - Texas Instruments UCC28C43DGK Datasheet HTML 8Page - Texas Instruments UCC28C43DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
5
www.ti.com
pin assignments
COMP: This pin provides the output of the error amplifier for compensation. In addition, the COMP pin is
frequently used as a control port by utilizing a secondary-side error amplifier to send an error signal across the
secondary-primary isolation boundary through an opto-isolator.
CS: The current sense pin is the non-inverting input to the PWM comparator. This is compared to a signal
proportional to the error amplifier output voltage. A voltage ramp can be applied to this pin to run the device with
a voltage mode control configuration.
FB: This pin is the inverting input to the error amplifier. The non-inverting input to the error amplifier is internally
trimmedto2.5 V ±1%.
GND: Ground return pin for the output driver stage and the logic level controller section.
OUT: The output of the on-chip drive stage. OUT is intended to directly drive a MOSFET. The OUT pin in the
UCC38C40, UCC38C42 and UCC38C43 is the same frequency as the oscillator, and can operate near 100%
duty cycle. In the UCC38C41, UCC38C44 and the UCC38C45, the frequency of OUT is one-half that of the
oscillator due to an internal T flipflop. This limits the maximum duty cycle to < 50%.
RT/CT: Timing resistor and timing capacitor. The timing capacitor should be connected to the device ground
using minimal trace length.
VDD: Power supply pin for the device. This pin should be bypassed with a 0.1-μF capacitor with minimal trace
lengths. Additional capacitance may be needed to provide hold up power to the device during startup.
VREF: 5-V reference. For stability, the reference should be bypassed with a 0.1-μF capacitor to ground using
the minimal trace length possible.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn