Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC28C43DGK Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC28C43DGK
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43DGK Datasheet(HTML) 2 Page - Texas Instruments

  UCC28C43DGK Datasheet HTML 1Page - Texas Instruments UCC28C43DGK Datasheet HTML 2Page - Texas Instruments UCC28C43DGK Datasheet HTML 3Page - Texas Instruments UCC28C43DGK Datasheet HTML 4Page - Texas Instruments UCC28C43DGK Datasheet HTML 5Page - Texas Instruments UCC28C43DGK Datasheet HTML 6Page - Texas Instruments UCC28C43DGK Datasheet HTML 7Page - Texas Instruments UCC28C43DGK Datasheet HTML 8Page - Texas Instruments UCC28C43DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
2
www.ti.com
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VDD
18
V
Output voltage range, VOUT
18
V
Average output current, IOUTW
200
mA
Reference output current, IOUT(ref)W
--20
mA
Operating junction temperature, TJW
--40
105
°C
It is not recommended that the device operate under conditions beyond those specified in this table for extended periods of time.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)}w
Supply voltage (VDD)
20 V
......................................................................
(MAX ICC)
30 mA
..................................................................
Output current, IOUT peak
±1A
...................................................................
Output energy, capacitive load
5 μJ
...............................................................
Voltage rating (COMP, CS, FB)
--0.3 V to 6.3 V
....................................................
(OUT)
--0.3 V to 20 V
...............................................................
(RT/CT)
--0.3 V to 6.3 V
............................................................
(VREF)
7V
.......................................................................
Error amplifier output sink current
10 mA
..........................................................
Total Power Dissipation at TA =25°C: D package
50 °C/W
..........................................
DGK package
120°C/W
......................................
P package
65°C/W
..........................................
Operating junction temperature range, TJ
--55°C to 150°C
...........................................
Storage temperature range Tstg
--65°C to 150°C
....................................................
Lead Temperature (Soldering, 10 seconds)
300°C
..................................................
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
§ All voltages are with respect to ground. Currents are positive into and negative out of the specified terminals. Consult the Packaging Section of
the Databook for thermal limitations and considerations of the package.
AVAILABLE OPTIONS
TA =TJ
MAXIMUM
DUTY CYCLE
UVLO
ON/OFF
SOIC--8
SMALL OUTLINE
(D){
PDIP--8
PLASTIC DIP
(P)
MSOP--8
SMALL OUTLINE
(DGK){
14.5V / 9.0V
UCC28C42D
UCC28C42P
UCC28C42DGK
100%
8.4V / 7.6V
UCC28C43D
UCC28C43P
UCC28C43DGK
40°C to 105°C
7.0V / 6.6V
UCC28C40D
UCC28C40P
UCC28C40DGK
--40°C to 105°C
14.5V / 9.0V
UCC28C44D
UCC28C44P
UCC28C44DGK
50%
8.4V / 7.6V
UCC28C45D
UCC28C45P
UCC28C45DGK
7.0V / 6.6V
UCC28C41D
UCC28C41P
UCC28C41DGK
14.5V / 9.0V
UCC38C42D
UCC38C42P
UCC38C42DGK
100%
8.4V / 7.6V
UCC38C43D
UCC38C43P
UCC38C43DGK
0°Cto70°C
7.0V / 6.6V
UCC38C40D
UCC38C40P
UCC38C40DGK
0 C to 70 C
14.5V / 9.0V
UCC38C44D
UCC38C44P
UCC38C44DGK
50%
8.4V / 7.6V
UCC38C45D
UCC38C45P
UCC38C45DGK
7.0V / 6.6V
UCC38C41D
UCC38C41P
UCC38C41DGK
D (SOIC--8) and DGK (MSOP--8) packages are available taped and reeled. Add R suffix to device type (e.g.
UCC28C42DR) to order quantities of 2500 devices per reel. Tube quantities are 75 for D packages (SOIC--8) and
80 for DGK package (MSOP--8), and 50 for P package (PDIP-8).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn