Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-X6729_V Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STR-X6729_V
Description  Off-Line Quasi-Resonant Switching Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-X6729_V Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR-X6729_V Datasheet HTML 1Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 2Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 3Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 4Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 5Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 6Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 7Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 8Page - Allegro MicroSystems STR-X6729_V Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SANKEN ELECTRIC CO., LTD.
Off-Line Quasi-Resonant Switching Regulators
STR-X6729
STRX6729DS
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Conditions
Rating
Unit
Drain Current1
IDpeak
Single pulse
22
A
Maximum Switching Current2
IDmax
TA = –20°C to 125°C
22
A
Single Pulse Avalanche Energy3
EAS
Single pulse, VDD = 30 V, L = 50 mH, ILpeak = 4.2 A
472
mJ
Input Voltage for Controller (MIC)
VCC
35
V
SS/OLP Terminal Voltage
VSSOLP
–0.5 to 6.0
V
FB Terminal Inflow Current
IFB
10
mA
FB Terminal Voltage
VFB
IFB within the limits of IFB
–0.5 to 9.0
V
OCP/BD Terminal Voltage
VOCPBD
–1.5 to 5.0
V
MOSFET Power Dissipation4
PD1
With infinite heatsink
46
W
Without heatsink
2.8
W
Controller (MIC) Power Dissipation
PD2
VCC × ICC
0.8
W
Operating Internal Leadframe Temperature
TF
Recommended operation temperature, see cautions
–20 to 125
°C
Operating Ambient Temperature
TOP
–20 to 125
°C
Storage Temperature
Tstg
–40 to 125
°C
Channel Temperature
Tch
150
°C
1
Refer to MOSFET ASO curve
2
IDMAX is the drain current determined by the drive voltage of the IC and the threshold voltage, Vth, of the MOSFET
3
Refer to Avalanche Energy Derating curve
4
Refer to MOSFET Ta-PD1 curve
Selection Guide
Part Number
Package
STR-X6729
TO-3P
Applications include the following:
▪ Set Top Box
▪ LCD PC monitor, LCD TV
▪ Printer, Scanner
▪ SMPS power supplies
Description (continued)


Similar Part No. - STR-X6729_V

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results

Similar Description - STR-X6729_V

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com