Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC17131J Datasheet(PDF) 11 Page - Texas Instruments

Part # UC17131J
Description  Smart Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC17131J Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC17131J Datasheet HTML 5Page - Texas Instruments UC17131J Datasheet HTML 6Page - Texas Instruments UC17131J Datasheet HTML 7Page - Texas Instruments UC17131J Datasheet HTML 8Page - Texas Instruments UC17131J Datasheet HTML 9Page - Texas Instruments UC17131J Datasheet HTML 10Page - Texas Instruments UC17131J Datasheet HTML 11Page - Texas Instruments UC17131J Datasheet HTML 12Page - Texas Instruments UC17131J Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Mar-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
UC37133NG4
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
0 to 70
UC37133N
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Only one of markings shown within the brackets will appear on the physical device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF UC17131, UC17132, UC17133, UC37131, UC37132, UC37133 :
Catalog: UC37131, UC37132, UC37133
Military: UC17131, UC17132, UC17133
NOTE: Qualified Version Definitions:


Similar Part No. - UC17131J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
More results

Similar Description - UC17131J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com