Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1879J Datasheet(PDF) 3 Page - Texas Instruments

Part # UC1879J
Description  PHASE SHIFT RESONANT CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1879J Datasheet(HTML) 3 Page - Texas Instruments

  UC1879J Datasheet HTML 1Page - Texas Instruments UC1879J Datasheet HTML 2Page - Texas Instruments UC1879J Datasheet HTML 3Page - Texas Instruments UC1879J Datasheet HTML 4Page - Texas Instruments UC1879J Datasheet HTML 5Page - Texas Instruments UC1879J Datasheet HTML 6Page - Texas Instruments UC1879J Datasheet HTML 7Page - Texas Instruments UC1879J Datasheet HTML 8Page - Texas Instruments UC1879J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
RT
RAMP
GND
CLKSYNC
UVSEL
CT
DELSETA-B
OUTA
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
COMP
VREF
OUTC
SS
OUTD
EA–
CS
DELSETC-D
9
10
VIN
VC
OUTB
PWRGND
12
11
DIL-20,SOIC-2
JORNPACKAGE,DWPACKAGE
(TOP VIEW)
N/C
N/C
DELSETA-B
CT
UVSEL
CLKSYNC
N/C
RT
RAMP
GND
N/C
N/C
VREF
COMP
1
4
3
2
28
27
25 24 23 22 21 20 18
17
16
15
14
13
6
7
11
10
9
8
EA–
CS
N/C
DELSETC-D
SS
N/C
N/C
OUTD
OUTC
VC
VIN
PWRGND
OUTB
OUTC
CLCC-28
(TOP VIEW)
L PACKAGE
3
18
17
16
DELSETC-D
1
2
20 19
15
14
4
5
6
7
8
9
13
10 11 12
SS
OUTD
CS
EA–
COMP
VREF
GND
RAMP
RT
OUTC
VC
VIN
PWRGND
OUTB
CLKSYNC
UVSEL
DELSETA-B
OUTA
CT
PLCC-20
QPACKAGE
(TOP VIEW)
UC1879
UC2879
UC3879
SLUS230B – JUNE 1998 – REVISED JUNE 2007
Product Selection Guide
TEMPERATURE RANGE
AVAILABLE PACKAGES
UCC1879
–55
°C to 125°C
J, L
UCC2879
–40
°C to 85°C
N, DW, Q, J, L
UCC3879
0
°C to 70°C
N, DW, Q
3
Submit Documentation Feedback


Similar Part No. - UC1879J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
More results

Similar Description - UC1879J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com