Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2709N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UC2709N
Description  DUAL HIGH-SPEED FET DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2709N Datasheet(HTML) 5 Page - Texas Instruments

  UC2709N Datasheet HTML 1Page - Texas Instruments UC2709N Datasheet HTML 2Page - Texas Instruments UC2709N Datasheet HTML 3Page - Texas Instruments UC2709N Datasheet HTML 4Page - Texas Instruments UC2709N Datasheet HTML 5Page - Texas Instruments UC2709N Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMI/RFI Y1-VY1
Ceramic Disc Capacitors
Safety Standard Approved Disc AC Capacitors
Vishay BCcomponents
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 15-Oct-09
86
Notes
• See ordering information table
• Cumulative pitch error: ± 1 mm/20 pitches
• Obliquity maximum 3°
REEL AND TAPE DATA in millimeters
W1
position of sprocket hole
9.0 + 0.75 - 0.5
W2
distance of hold-down tape
3.0 max.
H1
maximum component height
40.0
H0
height to seating plane (for kinked leads)
16.0 ± 0.5
H0
height to seating plane (for straight leads)
20.0 ± 0.5
L
length of cut leads
11.0 max.
I
length of lead protrusion
1.0 max.
D0
diameter of sprocket hole
4.0 ± 0.2
t
total tape thickness
0.9 max.
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS
(mm)
Fig. 2
Reel with capacitors on tape
Ammopack with capacitors on tape
51 max.
355.6 ± 2.0
45 max.
28 ± 1.5
8.0
330
360
55


Similar Part No. - UC2709N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2709 TI-UC2709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
More results

Similar Description - UC2709N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
UC1711 TI-UC1711 Datasheet
47Kb / 3P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
UC1711 TI1-UC1711_12 Datasheet
78Kb / 5P
[Old version datasheet]   Dual Ultra High-Speed FET Driver
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1626 MICROSEMI-SG1626_1 Datasheet
249Kb / 8P
   DUAL HIGH SPEED DRIVER
SG1644 MICROSEMI-SG1644_1 Datasheet
250Kb / 8P
   DUAL HIGH SPEED DRIVER
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com