Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD7030BL Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD7030BL
Description  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7030BL Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD7030BL Datasheet HTML 1Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 2Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 3Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 4Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 5Page - Fairchild Semiconductor FDD7030BL Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDD7030BL/FDU7030BL Rev. B(W)
Typical Characteristics
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
V
DS, DRAIN-SOURCE VOLTAGE (V)
3.5V
V
GS=10V
4.0V
3.0V
4.5V
6.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
10
20
30
40
50
60
ID, DRAIN CURRENT (A)
VGS = 3.0V
4.0V
6.0V
4.5V
5.0V
10V
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (
oC)
ID = 14A
VGS = 10V
0.005
0.01
0.015
0.02
0.025
0.03
2
4
6
8
10
V
GS, GATE TO SOURCE VOLTAGE (V)
ID = 7A
TA = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation
withTemperature
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
T
A =125
oC
25
oC
VDS = 5V
-55
oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
V
GS = 0V
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature


Similar Part No. - FDD7030BL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD7030BL ISC-FDD7030BL Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD7030BL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com