Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1360_V Datasheet(PDF) 13 Page - Allegro MicroSystems

Part No. A1360_V
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360_V Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1360_V Datasheet HTML 9Page - Allegro MicroSystems A1360_V Datasheet HTML 10Page - Allegro MicroSystems A1360_V Datasheet HTML 11Page - Allegro MicroSystems A1360_V Datasheet HTML 12Page - Allegro MicroSystems A1360_V Datasheet HTML 13Page - Allegro MicroSystems A1360_V Datasheet HTML 14Page - Allegro MicroSystems A1360_V Datasheet HTML 15Page - Allegro MicroSystems A1360_V Datasheet HTML 16Page - Allegro MicroSystems A1360_V Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
A1360, A1361,
and A1362
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed
across the Hall element. This voltage is disproportionally small
relative to the offset that can be produced at the output of the
Hall device. This makes it difficult to process the signal while
maintaining an accurate, reliable output over the specified oper-
ating temperature and voltage ranges.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. The patented Allegro technique, namely
Dynamic Quadrature Offset Cancellation, removes key sources
of the output drift induced by thermal and mechanical stresses.
This offset reduction technique is based on a signal modulation-
demodulation process.
The undesired offset signal is separated from the magnetic field-
induced signal in the frequency domain, through modulation.
The subsequent demodulation acts as a modulation process for
the offset, causing the magnetic field-induced signal to recover
its original spectrum at base band, while the dc offset becomes
a high-frequency signal. The magnetic-sourced signal then can
pass through a low-pass filter, while the modulated dc offset is
suppressed. The chopper stabilization technique uses a 210 kHz
high frequency clock.
For demodulation process, a sample and hold technique is used,
where the sampling is performed at twice the chopper frequency
(420 kHz). This high-frequency operation allows a greater
sampling rate, which results in higher accuracy and faster signal-
processing capability. This approach desensitizes the chip to the
effects of thermal and mechanical stresses, and produces devices
that have extremely stable quiescent Hall output voltages and
precise recoverability after temperature cycling. This technique
is made possible through the use of a BiCMOS process, which
allows the use of low-offset, low-noise amplifiers in combination
with high-density logic integration and sample-and-hold circuits.
Concept of Chopper Stabilization Technique
Typical Application Drawing
Chopper Stabilization Technique
GND
VOUT
FILTER
A136x
VCC
V+
0.1 μF
CBYPASS
CFILTER
CL
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn