Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1360_V Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. A1360_V
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360_V Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1360_V Datasheet HTML 1Page - Allegro MicroSystems A1360_V Datasheet HTML 2Page - Allegro MicroSystems A1360_V Datasheet HTML 3Page - Allegro MicroSystems A1360_V Datasheet HTML 4Page - Allegro MicroSystems A1360_V Datasheet HTML 5Page - Allegro MicroSystems A1360_V Datasheet HTML 6Page - Allegro MicroSystems A1360_V Datasheet HTML 7Page - Allegro MicroSystems A1360_V Datasheet HTML 8Page - Allegro MicroSystems A1360_V Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
A1360, A1361,
and A1362
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Drift Characteristics
Quiescent Voltage Output Drift
Through Temperature Range1
∆VOUT(Q)
A1360
VOUT(Q) = 2.5 V; Sens = Sens(min)
–20
20
mV
A1361
–20
20
mV
A1362
–60
60
mV
A1360
VOUT(Q) = 2.5 V; Sens = Sens(max)
– 35
35
mV
A1361
–50
50
mV
A1362
–160
160
mV
Sensitivity Drift Due to Package
Hysteresis1
∆SensPKG TA = 25°C, after temperature cycling
< ±1
%
1 See Characteristic Definitions section.
2 fC varies up to approximately ±20% over the full operating ambient temperature range, TA, and process.
3 VCLP voltages are production-tested, with the sole exception of the A1360 VCLP(HIGH), which is guaranteed by design (the low sensitivity and corresponding high
gauss levels required for testing A1360 VCLP(HIGH) make production testing impractical).
4 Noise is dependent on the sensitivity of the device and the filter capacitance. An 8 mV peak-to-peak noise floor exists that is independent of device sensitivity. This noise
floor attenuates proportionate to the filter capacitance (and device bandwidth).
5 Unit of measure (phase degrees) in reference to the magnetic input signal.
6 High-to-low transition of output voltage is a function of external load components and device sensitivity.
7 Raw device characteristic values before any programming.
8 VOUT(Q)UNIinit typically starts below the lower clamp voltage, VCLP(LOW). When programming the fine quiescent duty cycle for this parameter, several codes may need to be
addressed before VOUT(Q)UNI can be measured above VCLP(LOW).
9 Bits for selecting between VOUT(Q)UNI and VOUT(Q)BI programming ranges.
10 VOUT(Q) guaranteed by design.
11 VOUT(Q)(max) is the value available with all programming fuses blown (maximum programming code set). The VOUT(Q) range is the total range from VOUT(Q)init up to and
including VOUT(Q)(max). See Characteristic Definitions section. Quiescent Voltage Output may drift by an additional ±10 mV over the lifetime of this product.
12 Step size is larger than required, in order to provide for manufacturing spread. See Characteristic Definitions section.
13 Non-ideal behavior in the programming DAC can cause the step size at each significant bit rollover code to be greater than twice the maximum specified value of
StepVOUT(Q) or StepSENS.
14 Overall programming value accuracy. See Characteristic Definitions section.
15 Sens guaranteed by design.
16 Sens(max) is the value available with all programming fuses blown (maximum programming code set). Sens range is the total range from Sensinit up to and including
Sens(max). See Characteristic Definitions section. Sensitivity may drift by an additional ±2% over the lifetime of this product.
17 Programmed at 150°C and calculated relative to 25°C.
18 Linearity is only guaranteed for output voltage ranges of ±2 V from the quiescent output for bidirectional devices and +2 V from the quiescent output for unidirectional
devices. These linearity ranges are only valid within the operating output range of the device. The operating output range is confined to the region between the output clamps.
Linearity may shift by up to +/- 1 % over the lifetime of this product.
19 Symmetry error is only valid for bidirectional devices. Symmetry may shift by up to ±1% over the lifetime of this product.
20 Percent change from actual value at VCC = 5 V, for a given temperature, over the guaranteed supply voltage operating range.
21 Percent change from actual value at VCC = 5 V, TA = 25°C, over the guaranteed supply voltage operating range.
OPERATING CHARACTERISTICS (continued)
valid over full operating temperature range, TA; CBYPASS = 0.1 μF, VCC = 5 V, unless otherwise specified
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn