Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK605PG Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LNK605PG
Description  Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK605PG Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LNK605PG Datasheet HTML 2Page - Power Integrations, Inc. LNK605PG Datasheet HTML 3Page - Power Integrations, Inc. LNK605PG Datasheet HTML 4Page - Power Integrations, Inc. LNK605PG Datasheet HTML 5Page - Power Integrations, Inc. LNK605PG Datasheet HTML 6Page - Power Integrations, Inc. LNK605PG Datasheet HTML 7Page - Power Integrations, Inc. LNK605PG Datasheet HTML 8Page - Power Integrations, Inc. LNK605PG Datasheet HTML 9Page - Power Integrations, Inc. LNK605PG Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Rev. F 01/10
6
LNK603-606/613-616
www.powerint.com
Secondary Loop Area
To minimize leakage inductance and EMI the area of the loop
connecting the secondary winding, the output diode and the
output filter capacitor should be minimized. In addition,
sufficient copper area should be provided at the anode and
cathode terminal of the diode for heatsinking. A larger area is
preferred at the quiet cathode terminal. A large anode area can
increase high frequency radiated EMI.
Electrostatic Discharge Spark Gap
An trace is placed along the isolation barrier to form one
electrode of a spark gap. The other electrode on the secondary
is formed by the output return node. The spark gap directs
ESD energy from the secondary back to the AC input. The
trace from the AC input to the spark gap electrode should be
spaced away from other traces to prevent unwanted arcing
occurring and possible circuit damage.
Drain Clamp Optimization
LinkSwitch-II senses the feedback winding on the primary side
to regulate the output. The voltage that appears on the feed-
back winding is a reflection of the secondary winding voltage
while the internal MOSFET is off. Therefore any leakage
inductance induced ringing can affect output regulation. Optimizing
the drain clamp to minimize the high frequency ringing will give
the best regulation. Figure 6 shows the desired drain voltage
waveform compared to Figure 7 with a large undershoot due to
the leakage inductance induced ring. This will reduce the
output voltage regulation performance. To reduce this adjust
the value of the resistor in series with the clamp diode.
Figure 5.
PCB Layout Example Showing 5.1 W Design Using P Package.
Addition of a Bias Circuit for Higher Light Load Efficiency
and Lower No-load Input Power Consumption.
The addition of a bias circuit can decrease the no-load input
power from ~200 mW down to less than 30 mW at 230 VAC
input. Light load efficiency also increases which may avoid the
need to use a Schottky barrier vs PN junction output diode
while still meeting average efficiency requirements.
The power supply schematic shown in Figure 4 has the bias
circuit incorporated. Diode D6, C5 and R4 form the bias circuit.
As the output voltage is less than 8 V, an additional transformer
winding is needed, AC stacked on top of the feedback winding.
This provides a high enough voltage to supply the BYPASS pin
even during low switching frequency operation at no-load.
In Figure 4 the additional bias winding (from pin 2 to pin 1) is
stacked on top of the feedback winding (pin 4 to pin 2). Diode
D6 rectifies the output and C5 is the filter capacitor. A 10 uF
capacitor is recommended to hold up the bias voltage at low
switching frequencies. The capacitor type is not critical but the
voltage rating should be above the maximum value of V
BIAS.
The recommended current into the BYPASS pin is equal to IC
supply current (~0.5 mA) at the minimum bias winding voltage.
The BYPASS pin current should not exceed 3 mA at the maximum
bias winding voltage. The value of R4 is calculated according to
(V
BIAS – VBP)/IS2, where VBIAS (10 V typ.) is the voltage across C5, IS2
(0.5 mA typ.) is the IC supply current and V
BP (6.2 V typ.) is the
DC
Output
PI-5110-050508
R5
C4
C5
C3
R4
D5
D3
R3
R1
C2
R1
C1
R6
R2
L2
D4
D2
D1
U1
D3
RF1
D7
T1
R8
C6
C7
C8
R9
Output Filter
Capacitors
Input Stage
Primary Clamp
Output
Diode Snubber
Preload
Resistor
Spark
Gap
Bypass
Capacitor
Feedback
Resistors
Bypass Supply
Components
AC
Input
S
S
S
S
BP D
FB
LinkSwitch-II


Similar Part No. - LNK605PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK605PG-TL POWERINT-LNK605PG-TL Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK605PG-TL POWERINT-LNK605PG-TL Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results

Similar Description - LNK605PG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
   Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
   Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com