Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1W-AD041 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CP1W-AD041
Description  The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1W-AD041 Datasheet(HTML) 6 Page - Omron Electronics LLC

  CP1W-AD041 Datasheet HTML 1Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 2Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 3Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 4Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 5Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 6Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 7Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 8Page - Omron Electronics LLC CP1W-AD041 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
9
CPU units
CP1L
CP1H
L-type
M-type
EL-type
EM-type
CP1L
-L10D_-_
CP1L
-L14D_-_
CP1L
-_L20D_-_
CP1L
-_M30D_-_
CP1L
-_M40D_-_
CP1L
-M60D_-_
CP1L
-EL20D_-_
CP1L
-EM30D_-_
CP1L
-EM40D_-_
CP1H
-Y20DT-D
CP1H
-X40D_-_
CP1H
-XA40D_-_
6
8
12
18
24
36
12
18
24
12
24
24
4
6
8
12
16
24
8
12
16
8
16
16
No
Yes
No
Yes
Yes
10
54
60
150
160
180
60
150
160
300
320
320
No
Yes (1 max.)
Yes (3 max.)
Yes (1 max.)
Yes (3 max.)
Yes (7 units or 15 input words /
15 output words max.)
No
No
Yes (2 max.)
2
4
6
6
6
8
4 (100 kHz max.)
4 (100 kHz max.)
2 (100 kHz
max.) and
2 Line-driver
(1 MHz)
4 (100 kHz max.)
2 axes (100 kHz max.)
2 axes (100 kHz max.)
2 (100 kHz
max.) and
2 Line-driver
(1 MHz)
4 axes (100 kHz max.)
No
2 inputs
No
4 inputs,
2 outputs
Yes (1)
No
Yes (1)
Yes (0-10V)
No
Yes (0-10V)
0
1
2
1
2
2
No
Yes
Yes
Yes
No
Yes
No
Yes
No
Yes
Yes
Yes
No
Yes
No
USB
Ethernet
USB
No
No
No
Yes
Yes
Yes
0.55 μs / Basic instruction, 4.1 μs / Special instruction
0.55 μs / Basic instruction, 4.1 μs / Special
instruction
0.10 μs / Basic instruction, 0.15 μs /
Special instruction
5K steps
10K steps
5K (+10K FB)
steps
10K (+10K FB) steps
20K steps
10K words
32K words
10K words
32K words
32K words
Yes
Yes
Yes
Yes
Yes
Yes
Yes (CJ1W-BAT01)
Yes (CJ1W-BAT01)
Yes (CJ1W-BAT01)
No
No
Yes
CP1L
-L10DR-A
CP1L
-L14DR-A
CP1L
-L20DR-A
CP1L
-M30DR-A
CP1L
-M40DR-A
CP1L
-M60DR-A
-
-
-
-
CP1H
-X40DR-A
CP1H
-XA40DR-A
CP1L
-L10DR-D
CP1L
-L14DR-D
CP1L
-L20DR-D
CP1L
-M30DR-D
CP1L
-M40DR-D
CP1L
-M60DR-D
CP1L
-EL20DR-D
CP1L
-EM30DR-D
CP1L
-EM40DR-D
-
-
-
CP1L
-L10DT-A
CP1L
-L14DT-A
CP1L
-L20DT-A
CP1L
-M30DT-A
CP1L
-M40DT-A
CP1L
-M60DT-A
-
-
-
-
-
-
CP1L
-L10DT-D
CP1L
-L14DT-D
CP1L
-L20DT-D
CP1L
-M30DT-D
CP1L
-M40DT-D
CP1L
-M60DT-D
CP1L
-EL20DT-D
CP1L
-EM30DT-D
CP1L
-EM40DT-D
CP1H
-Y20DT-D
CP1H
-X40DT-D
CP1H
-XA40DT-D
-
-
-
-
-
-
-
-
-
-
-
-
CP1L
-L10DT1-D
CP1L
-L14DT1-D
CP1L
-L20DT1-D
CP1L
-M30DT1-D
CP1L
-M40DT1-D
CP1L
-M60DT1-D
CP1L
-EL20DT1-D
CP1L
-EM30DT1-D
CP1L
-EM40DT1-D
-
CP1H
-X40DT1-D
CP1H
-XA40DT1-D
CP1-Brochure+TechPart+Global.fm
9 ページ
2012年3月27日 火曜日 午後7時58分


Similar Part No. - CP1W-AD041

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
2Mb / 44P
   The CP1E Package PLCs: Economical, Easy to use, and Efficient
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
3Mb / 36P
   High Performing Programmable Controller with Embedded Ethernet
CP1W-AD041 OMRON-CP1W-AD041 Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1W-AD041

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3XDA41N OMRON-E3XDA41N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
E3X-DA44V OMRON-E3X-DA44V Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Synaptics Incorporated.
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
   Simplified cabling for ease of use
logo
Cornell Dubilier Electr...
401C CDE-401C_17 Datasheet
504Kb / 8P
   The Ultimate in Cold Performance and ESR
101C CDE-101C_17 Datasheet
848Kb / 12P
   The Ultimate in Cold Performance and ESR
logo
Ultralife Corporation.
UKT0038 ULTRALIFE-UKT0038 Datasheet
228Kb / 1P
   Operator?셲 card for ease of use
Rev: B
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
logo
MKS Instruments.
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
   THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com