Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409CNQ150PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 409CNQ150PBF
Description  Schottky Rectifier, 400 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

409CNQ150PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  409CNQ150PBF Datasheet HTML 1Page - Vishay Siliconix 409CNQ150PBF Datasheet HTML 2Page - Vishay Siliconix 409CNQ150PBF Datasheet HTML 3Page - Vishay Siliconix 409CNQ150PBF Datasheet HTML 4Page - Vishay Siliconix 409CNQ150PBF Datasheet HTML 5Page - Vishay Siliconix 409CNQ150PBF Datasheet HTML 6Page - Vishay Siliconix 409CNQ150PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94207
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
1
Schottky Rectifier, 400 A
409CNQ...PbF Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap module
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
The 409CNQ... center tap Schottky rectifier module series
has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175 °C junction temperature. Typical
applications are in high current switching power supplies,
plating
power
supplies,
UPS
systems,
converters,
freewheeling
diodes,
welding,
and
reverse
battery
protection.
PRODUCT SUMMARY
IF(AV)
400 A
VR
135/150 V
Base common
cathode
Lug
terminal
anode 1
Lug
terminal
anode 2
TO-244
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
400
A
VRRM
Range
135/150
V
IFSM
tp = 5 µs sine
20 000
A
VF
200 Apk, TJ = 125 °C (per leg)
0.75
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
409CNQ135PbF
409CNQ150PbF
UNITS
Maximum DC reverse voltage
VR
135
150
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward
current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 129 °C, rectangular waveform
200
A
per device
400
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
20 000
10 ms sine or 6 ms rect. pulse
2300
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 5.5 A, L = 1 mH
15
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1A


Similar Part No. - 409CNQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
409CNQ150PBF VISHAY-409CNQ150PBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results

Similar Description - 409CNQ150PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS409 VISHAY-VSKCS409 Datasheet
161Kb / 6P
   Schottky Rectifier, 400 A
Revision: 27-Oct-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 25-Apr-08
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
   Schottky Rectifier, 400 A
logo
Vishay Siliconix
403CMQ100 VISHAY-403CMQ100 Datasheet
113Kb / 7P
   Schottky Rectifier, 400 A
Revision: 19-Nov-09
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 23-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com