Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6530A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD6530A
Description  20V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6530A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD6530A Datasheet HTML 1Page - Fairchild Semiconductor FDD6530A Datasheet HTML 2Page - Fairchild Semiconductor FDD6530A Datasheet HTML 3Page - Fairchild Semiconductor FDD6530A Datasheet HTML 4Page - Fairchild Semiconductor FDD6530A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDD6530A Rev. C (W)
Typical Characteristics
0
1
2
3
4
5
0
2
4
6
8
Qg, GATE CHARGE (nC)
ID = 8 A
V
DS = 5V
15V
10V
0
200
400
600
800
1000
1200
0
4
8
12
16
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
C
OSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
1000
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
R
DS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJA = 96
oC/W
T
A = 25
oC
10ms
1ms
100
µµs
0
20
40
60
80
100
0.01
0.1
1
10
100
t1, TIME (sec)
SINGLE PULSE
RθJA = 96°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
RθJA(t) = r(t) + RθJA
RθJA = 96 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDD6530A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6530A ISC-FDD6530A Datasheet
351Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6530A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3706 FAIRCHILD-FDD3706 Datasheet
113Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6574A FAIRCHILD-FDS6574A Datasheet
90Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDN371N FAIRCHILD-FDN371N Datasheet
84Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG327N FAIRCHILD-FDG327N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6162N3 FAIRCHILD-FDS6162N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6572A FAIRCHILD-FDS6572A Datasheet
75Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDV305N FAIRCHILD-FDV305N Datasheet
172Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDG329N FAIRCHILD-FDG329N Datasheet
79Kb / 5P
   20V N-Channel PowerTrench MOSFET
FDS6064N3 FAIRCHILD-FDS6064N3 Datasheet
189Kb / 6P
   20V N-Channel PowerTrench MOSFET
FDS6064N7 FAIRCHILD-FDS6064N7 Datasheet
198Kb / 6P
   20V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com