Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6030L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD6030L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6030L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD6030L Datasheet HTML 1Page - Fairchild Semiconductor FDD6030L Datasheet HTML 2Page - Fairchild Semiconductor FDD6030L Datasheet HTML 3Page - Fairchild Semiconductor FDD6030L Datasheet HTML 4Page - Fairchild Semiconductor FDD6030L Datasheet HTML 5Page - Fairchild Semiconductor FDD6030L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FDD6030L Rev. A1
FDD6030L
N-Channel Logic Level Enhancement Mode Field Effect
Transistor
Features
50 A, 30 V. R
DS(ON) = 0.0135 Ω @ VGS = 10 V
R
DS(ON) = 0.0200 Ω @ VGS = 4.5 V.
Low gate charge.
Fast switching speed.
Low Crss.
©1999 Fairchild Semiconductor Corporation
July 1999
ADVANCE INFORMATION
G
S
D
TO-252
S
D
G
Absolute Maximum Ratings
TC=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Maximum Drain Current
-Continuous
(Note 1)
50
(Note 1a)
12
Maximum Drain Current
-Pulsed
150
A
Maximum Power Dissipation @ TC = 25
oC
(Note 1)
60
TA = 25
oC
(Note 1a)
3.2
PD
TA = 25
oC
(Note 1b)
1.3
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JC
Thermal Resistance, Junction-to- Case
(Note 1)
2.1
°C/W
39
°C/W
JA
Thermal Resistance, Junction-to- Ambient
(Note 1a)
(Note 1b)
96
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDD6030L
FDD6030L
13’’
16mm
2500
General Description
These N-Channel logic level enhancement mode power
field effect transistors are produced using Fairchild’s
proprietary, high cell density, DMOS technology. This
very high density process is especially tailored to
minimize
on-state resistance. These devices are
particularly suited for low voltage applications such as
DC/DC converters and high efficiency switching circuits
where fast
switching, low in-line power loss, and
resistance to transients are needed.


Similar Part No. - FDD6030L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6030L FAIRCHILD-FDD6030L Datasheet
118Kb / 6P
   30V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD6030L ISC-FDD6030L Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD6030L FAIRCHILD-FDD6030L_03 Datasheet
118Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDD6030L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com