Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C54A Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16C54A
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54A Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16C54A Datasheet HTML 7Page - Microchip Technology PIC16C54A Datasheet HTML 8Page - Microchip Technology PIC16C54A Datasheet HTML 9Page - Microchip Technology PIC16C54A Datasheet HTML 10Page - Microchip Technology PIC16C54A Datasheet HTML 11Page - Microchip Technology PIC16C54A Datasheet HTML 12Page - Microchip Technology PIC16C54A Datasheet HTML 13Page - Microchip Technology PIC16C54A Datasheet HTML 14Page - Microchip Technology PIC16C54A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 11
PIC16C5X
TABLE 3-1:
PINOUT DESCRIPTION - PIC16C54, PIC16CR54, PIC16C56, PIC16CR56, PIC16C58,
PIC16CR58
Pin Name
Pin Number
Pin
Buffer
Description
DIP
SOIC
SSOP Type
Type
RA0
RA1
RA2
RA3
17
18
1
2
17
18
1
2
19
20
1
2
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
Bi-directional I/O port
RB0
RB1
RB2
RB3
RB4
RB5
RB6
RB7
6
7
8
9
10
11
12
13
6
7
8
9
10
11
12
13
7
8
9
10
11
12
13
14
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
TTL
TTL
TTL
TTL
TTL
TTL
TTL
TTL
Bi-directional I/O port
T0CKI
3
3
3
I
ST
Clock input to Timer0. Must be tied to VSS or VDD, if not in
use, to reduce current consumption.
MCLR/VPP
4
4
4
I
ST
Master clear (RESET) input/programming voltage input.
This pin is an active low RESET to the device. Voltage on
the MCLR/VPP pin must not exceed VDD to avoid unin-
tended entering of Programming mode.
OSC1/CLKIN
16
16
18
I
ST
Oscillator crystal input/external clock source input.
OSC2/CLKOUT
15
15
17
O
Oscillator crystal output. Connects to crystal or resonator
in crystal Oscillator mode. In RC mode, OSC2 pin outputs
CLKOUT, which has 1/4 the frequency of OSC1 and
denotes the instruction cycle rate.
VDD
14
14
15,16
P
Positive supply for logic and I/O pins.
VSS
5
5
5,6
P
Ground reference for logic and I/O pins.
Legend: I = input, O = output, I/O = input/output, P = power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger
input


Similar Part No. - PIC16C54A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C54A MICROCHIP-PIC16C54A Datasheet
1Mb / 217P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54A MICROCHIP-PIC16C54A Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C54A MICROCHIP-PIC16C54A Datasheet
654Kb / 84P
   ROM-Based 8-Bit CMOS Microcontroller Series
1998
PIC16C54A MICROCHIP-PIC16C54A Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C54A MICROCHIP-PIC16C54A Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12 1997-2013
More results

Similar Description - PIC16C54A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com